Electronic Components Datasheet Search
  English  ▼

X  

MP2355 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2355
Description  4.75V to 23V In, 3A Out Step-Down DC/DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2355 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2355 Datasheet HTML 1Page - Monolithic Power Systems MP2355 Datasheet HTML 2Page - Monolithic Power Systems MP2355 Datasheet HTML 3Page - Monolithic Power Systems MP2355 Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EV2355DN-00A
4.75V to 23V In, 3A Out
Step-Down DC/DC Converter
EVALUATION BOARD — INITIAL RELEASE
01/05, Rev. 1.0
MPS Proprietary Information. © 2005 All Rights Reserved.
1
Unauthorized Photocopy and Duplication Prohibited.
Monolithic Power Systems
GENERAL DESCRIPTION
The EV2355DN-00A is the Evaluation Board for
MPS’ MP2355 Step-Down DC/DC Converter. It
features a wide supply range of 4.75V to 23V
and a continuous output current up to 3A. The
output voltage is set to 3.3V, but can be easily
adjusted to other levels from 1.22V. A 380KHz
high switching frequency allows the use of
small, low cost capacitors and inductors.
Current mode control and an integrated power
MOSFET minimize component count, board area,
and solution cost. Fault condition protection
includes cycle-by-cycle current limiting, thermal
shutdown, and under-voltage lockout. Internal
soft-start reduces the turn-on stress. The small
8-pin SOIC package with exposed pad minimizes
board area and provides excellent thermal
management.
ELECTRICAL SPECIFICATION
Parameter
Symbol
Value
Units
Supply Voltage
VIN
4.75 to 23
V
Output Voltage
VOUT
3.3
V
Output Current
IOUT
0 to 3
A
FEATURES
• Up to 3A Continuous Output Current
• Wide 4.75V to 23V Operating Input Range
• Monolithic Buck with 100mΩ Internal FET
• Fixed 380KHz Frequency
• All Ceramic Input and Output Capacitors
• Programmable Soft-Start
• Programmable Input Under-Voltage Lockout
APPLICATIONS
• Distributed Power Systems
• Battery Chargers
• Pre-Regulator for Linear Regulators
“MPS” and “Monolithic Power Systems”, are Registered Trademarks of
Monolithic Power Systems, Inc.
EV2355DN-00A EVALUATION BOARD
Dimensions (2.6”X x 1.9”Y x 0.4”Z)
Board Number
MPS IC Number
EV2355DN-00A
MP2355
95
90
85
80
75
70
65
60
LOAD CURRENT (mA)
MP2355_EC01
Efficiency vs
Load Current
0
1500
1000
500
2000
3500
3000
2500
VOUT=3.3V
VOUT=2.5V
VOUT=5.0V


Similar Part No. - MP2355

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2355 MPS-MP2355 Datasheet
255Kb / 10P
3A, 23V, 380KHz Step-Down Converter
MP2355 MPS-MP2355 Datasheet
255Kb / 10P
3A, 23V, 380KHz Step-Down Converter
MP2355DN MPS-MP2355DN Datasheet
255Kb / 10P
3A, 23V, 380KHz Step-Down Converter
MP2355DN MPS-MP2355DN Datasheet
255Kb / 10P
3A, 23V, 380KHz Step-Down Converter
MP2355 MPS-MP2355_06 Datasheet
255Kb / 10P
3A, 23V, 380KHz Step-Down Converter
More results

Similar Description - MP2355

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV1593DN-00A MPS-EV1593DN-00A Datasheet
257Kb / 5P
4.75V to 28V Input, Up to 3A Output Step-Down DC/DC Converter
EV2305DS-00A MPS-EV2305DS-00A Datasheet
208Kb / 3P
4.75V to 23V IN, 2A OUT Synchronous Buck Converter
EV2351DQ-00A MPS-EV2351DQ-00A Datasheet
205Kb / 3P
4.75V to 23V Input, 1.5A Output Step-Down DC/DC Converter
EV2354DS-00A MPS-EV2354DS-00A Datasheet
186Kb / 4P
4.75V to 23V IN, 2A OUT, 380KHz Step-Down DC/DC Converter
logo
Holtek Semiconductor In...
HT7466 HOLTEK-HT7466 Datasheet
1Mb / 9P
3A Step-Down DC to DC Converter
September 02, 2011
logo
Analog Intergrations Co...
AIC2565 AIC-AIC2565 Datasheet
399Kb / 13P
23V 3A Step-Down DC/DC Converter
AIC2566 AIC-AIC2566 Datasheet
400Kb / 13P
23V 3A Step-Down DC/DC Converter
logo
Holtek Semiconductor In...
HT7466 HOLTEK-HT7466_14 Datasheet
1Mb / 9P
3A Step-Down DC to DC Converter
September 11, 2014
logo
Fitipower Integrated Te...
FR9618 FITIPOWER-FR9618 Datasheet
1Mb / 13P
23V, 3A, 340KHz Synchronous Step-Down DC/DC Converter
FR9723 FITIPOWER-FR9723 Datasheet
504Kb / 9P
23V, 3A, 380KHz Asynchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com