Electronic Components Datasheet Search
  English  ▼

X  

SFL044J Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SFL044J
Description  30 AMP / 60 Volts / 0.030 廓 N-Channel, Logic Level POWER MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFL044J Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SFL044J Datasheet HTML 1Page - Solid States Devices, Inc SFL044J Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: F00265D
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SFL044J
Electrical Characteristics @ TJ = 25ºC
(Unless Otherwise Specified)
Symbol
Min
Typ
Max
Units
Drain to Source Breakdown Voltage
(VGS=0 V, ID=250
μA)
BVDSS
60
––
––
Volts
Drain to Source On State Resistance
(VGS=5 V, ID=18A
)
RDS(on)1
––
0.026
0.030
Ω
Drain to Source On Resistance
(VGS=4 V, ID= 15A
)
RDS(on)2
0.034
0.040
Ω
Gate Threshold Voltage
(VDS=VGS, ID= 250
μA)
VGS(th)
1.0
1.5
2.0
V
Forward Transconductance
(VDS>10V, IDS=18A
)
gfs
22
35
––
S(mho)
Zero Gate Voltage Drain Current
(VDS=max rated voltage, VGS=0 V)
(VDS=80% rated VDS, VGS=0 V, TA=150ºC)
IDSS
––
––
––
––
25
250
μA
Gate to Source Leakage Forward
Gate to Source Leakage Reverse
At rated VGS
IGSS
––
––
––
––
+100
-100
nA
Total Gate Charge
Gate to Source Charge
Gate to Drain Charge
VGS= 5 Volts
80% rated VDS
ID= 51 A
Qg
Qgs
Qgd
––
––
––
50
10
38
66
12
43
nC
Turn on Delay Time
Rise Time
Turn on Delay Time
Fall Time
VDD=50% Rated VDS
ID= 51 A
RG= 4.6
Ω
RD= 0.56
Ω
td(on)
tr
td(off)
tf
––
––
––
––
17
230
42
110
––
––
––
––
nsec
Diode Forward Voltage
(IS= Rated ID, VGS=0 V, TJ=25ºC)
VSD
––
––
2.5
V
Diode Reverse Recovery Time
TJ=25ºC, IF=51A
di/dt=100A/
μsec
trr
––
100
180
nsec
Input Capacitance
Input Capacitance
Reverse Transfer Capacitance
VGS=0 Volts
VDS=25 Volts
f=1 MHz
Ciss
Coss
Crss
––
––
––
3300
1200
200
––
––
––
pF
For thermal derating curves and other characteristics please contact SSDI Marketing Department.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com