Electronic Components Datasheet Search
  English  ▼

X  

SFL044J Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SFL044J
Description  30 AMP / 60 Volts / 0.030 廓 N-Channel, Logic Level POWER MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFL044J Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SFL044J Datasheet HTML 1Page - Solid States Devices, Inc SFL044J Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: F00265D
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information 1/
SFL044 _J_ __ __
│
│
│
│
│
│
│
│
│
│
└ Screening 2/ __ = Not Screen
TX = TX Level
TXV = TXV Level
S = S Level
│
│
│
│
└ Lead Option 3/ __ = Straight
UB = Up Bend
DB= Down Bend
└ Package: TO-257
TO-257 Pin Out: Pin1: Drain
Pin2: Source
Pin3: Gate
SFL044J
30 AMP / 60 Volts / 0.030 Ω
N-Channel, Logic Level
POWER MOSFET
Features:
• Logic Level Gate Drive
• Rugged Construction with Polysilicon Gate
• Low R
DS(ON) and High Transconductance
• Excellent High Temperature Stability
• Very Fast Switching Speed
• Fast Recovery and Superior dV/dt Performance
• Increased Reverse Energy Capability
• Low Input and Transfer Capacitance for Easy Paralleling
• Hermetically Sealed Surface Mount Power Package
• Ceramic Seals Available for Improved Hermeticity
• TX, TXV, Space Level Screening Available
• Replacement for IRLIZ44G Types
Maximum Ratings
Symbol
Value
Units
Drain to Source Voltage
VDS
60
Volts
Gate to Source Voltage
VGS
±10
Volts
Continuous Drain Current @ VGS = 5V
ID
30
Amps
Operating & Storage Temperature
Top & Tstg
-55 to +175
ºC
Thermal Resistance, Junction to Case
RθJC
2
ºC/W
Power Dissipation
TC = 25ºC
TC = 55ºC
PD
63
48
W
.537
.527
.660
.645
.430
.410
.210
.190
.045
.035
Ø
.150
.140
.420
.410
.105
.095
.125
.110
1.100
.500
PIN 1
PIN 2
PIN 3
SUFFIX: J
3x Ø
.035
.025
SUFFIX JDB
SUFFIX JUB
Notes: 1/ For ordering information, Price, and Availability, Contact Factory.
2/ Screened to MIL-PRF-19500.
3/ Per Leg.
2x
.180
.150
.200
MIN
SUFFIX: JD
.180
.150
.200
MIN
SUFFIX: JU


Similar Part No. - SFL044J

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFL024-5 SSDI-SFL024-5 Datasheet
214Kb / 2P
10 AMP 60 Volts 0.10 ohm N-Channel LOGIC LEVEL Power MOSFET
SFL024/5 SSDI-SFL024/5 Datasheet
214Kb / 2P
10 AMP 60 Volts 0.10 ohm N-Channel LOGIC LEVEL Power MOSFET
More results

Similar Description - SFL044J

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF76113SK8 FAIRCHILD-HUF76113SK8 Datasheet
326Kb / 12P
6.5A, 30V, 0.030 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76113SK8 INTERSIL-HUF76113SK8 Datasheet
384Kb / 11P
6.5A, 30V, 0.030 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
October 1999
logo
ON Semiconductor
NTD32N06L ONSEMI-NTD32N06L Datasheet
66Kb / 8P
Power MOSFET 32 Amps, 60 Volts, Logic Level(N-Channel DPAK)
April, 2004 ??Rev. 3
NTP30N06L ONSEMI-NTP30N06L Datasheet
69Kb / 8P
Power MOSFET 30 Amps, 60 Volts, Logic Level
March, 2002 ??Rev. 1
logo
Solid States Devices, I...
SFL024-5 SSDI-SFL024-5 Datasheet
214Kb / 2P
10 AMP 60 Volts 0.10 ohm N-Channel LOGIC LEVEL Power MOSFET
SFF75N06-28 SSDI-SFF75N06-28 Datasheet
267Kb / 2P
30 AMP 60 VOLTS 25m廓 N-CHANNEL POWER MOSFET
logo
NXP Semiconductors
PSMN1R6-30PL NXP-PSMN1R6-30PL Datasheet
233Kb / 13P
N-channel 30 V 1.7 m廓 logic level MOSFET
Rev. 02-25 June 2009
PSMN2R0-30PL NXP-PSMN2R0-30PL Datasheet
220Kb / 13P
N-channel 30 V 2.1 m廓 logic level MOSFET
Rev. 01-24 June 2009
PSMN3R5-30LL NXP-PSMN3R5-30LL Datasheet
179Kb / 13P
N-channel 30 V 3.6 m廓 logic level MOSFET
Rev. 01-18 February 2010
PSMN013-30LL NXP-PSMN013-30LL Datasheet
176Kb / 13P
N-channel 30 V 13 m廓 logic level MOSFET
Rev. 01-18 February 2010
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com