Electronic Components Datasheet Search
  English  ▼

X  

SA611 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SA611
Description  1GHz low voltage LNA and mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA611 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SA611 Datasheet HTML 2Page - NXP Semiconductors SA611 Datasheet HTML 3Page - NXP Semiconductors SA611 Datasheet HTML 4Page - NXP Semiconductors SA611 Datasheet HTML 5Page - NXP Semiconductors SA611 Datasheet HTML 6Page - NXP Semiconductors SA611 Datasheet HTML 7Page - NXP Semiconductors SA611 Datasheet HTML 8Page - NXP Semiconductors SA611 Datasheet HTML 9Page - NXP Semiconductors SA611 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Philips Semiconductors
Product specification
SA611
1GHz low voltage LNA and mixer
1999 Mar 26
6
PERFORMANCE CHARACTERISTICS
-15
2.5
3
3.5
4
4.5
5
5.5
VCC (V)
-40
°C
25
°C
LNA 1dB Compression vs VCC
-16
-17
-18
-19
-20
-21
-22
-23
-24
-25
-14.0
2.5
3
3.5
4
4.5
5
5.5
VCC (V)
-40
°C
25
°C
85
°C
Mixer 1dB Compression vs VCC
-14.5
-15.0
-15.5
-16.0
-13.0
-13.5
-28.0
2.5
3
3.5
4
4.5
5
5.5
VCC (V)
-40
°C
25
°C
85
°C
LNA Gain (Disabled) vs VCC
-28.5
-29.0
-29.5
-30.0
-30.5
-31.0
-27.0
-27.5
10.0
2.5
3
3.5
4
4.5
5
5.5
VCC (V)
-40
°C
25
°C
85
°C
Mixer IP3 vs VCC
9.0
8.0
7.0
6.0
5.0
4.0
3.0
2.0
-11
2.5
3
3.5
4
4.5
5
5.5
VCC (V)
-40
°C
25
°C
LNA IP3 vs VCC
-2
-3
-4
-5
-6
-7
-8
-9
-10
0
85
°C
85
°C
SR01249
-12
1.0
0.0
Figure 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com