Electronic Components Datasheet Search
  English  ▼

X  

SA611 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # SA611
Description  1GHz low voltage LNA and mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA611 Datasheet(HTML) 1 Page - NXP Semiconductors

  SA611 Datasheet HTML 1Page - NXP Semiconductors SA611 Datasheet HTML 2Page - NXP Semiconductors SA611 Datasheet HTML 3Page - NXP Semiconductors SA611 Datasheet HTML 4Page - NXP Semiconductors SA611 Datasheet HTML 5Page - NXP Semiconductors SA611 Datasheet HTML 6Page - NXP Semiconductors SA611 Datasheet HTML 7Page - NXP Semiconductors SA611 Datasheet HTML 8Page - NXP Semiconductors SA611 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Philips
Semiconductors
SA611
1GHz low voltage LNA and mixer
Product specification
Supersedes data of 1997 Nov 07
IC17 Data Handbook
1999 Mar 26
INTEGRATED CIRCUITS


Similar Part No. - SA611

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA612 PHILIPS-SA612 Datasheet
110Kb / 12P
Double-balanced mixer and oscillator
1997 Nov 07
SA612A PHILIPS-SA612A Datasheet
110Kb / 12P
Double-balanced mixer and oscillator
1997 Nov 07
SA612A PHILIPS-SA612A Datasheet
163Kb / 8P
Double-balanced mixer and oscillator
1990 Sep 17
SA612AD PHILIPS-SA612AD Datasheet
110Kb / 12P
Double-balanced mixer and oscillator
1997 Nov 07
SA612AD PHILIPS-SA612AD Datasheet
163Kb / 8P
Double-balanced mixer and oscillator
1990 Sep 17
More results

Similar Description - SA611

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA601 PHILIPS-SA601 Datasheet
182Kb / 11P
Low voltage LNA and mixer - 1GHz
December 15, 1994
SA620 PHILIPS-SA620 Datasheet
331Kb / 11P
Low voltage LNA, mixer and VCO - 1GHz
December 15, 1993
SA621 PHILIPS-SA621 Datasheet
118Kb / 16P
1GHz - Low voltage LNA, mixer and VCO
1997 Nov 07
SA631 PHILIPS-SA631 Datasheet
103Kb / 16P
1GHz low voltage LNA and mixer
1998 Jan 08
logo
RF Micro Devices
RF2418 RFMD-RF2418 Datasheet
114Kb / 10P
LOW CURRENT LNA/MIXER
logo
NXP Semiconductors
SA600 PHILIPS-SA600 Datasheet
283Kb / 17P
1GHz LNA and mixer
1993 Dec 15
logo
Freescale Semiconductor...
MC13770 FREESCALE-MC13770 Datasheet
390Kb / 8P
Single Band LNA and Mixer FEIC
logo
Motorola, Inc
MC13142 MOTOROLA-MC13142 Datasheet
165Kb / 16P
LOW POWER DC - 1.8 GHz LNA, MIXER and VCO
logo
RF Micro Devices
RF2418 RFMD-RF2418_06 Datasheet
136Kb / 10P
LOW CURRENT LNA/MIXER
RF2418 RFMD-RF2418_1 Datasheet
282Kb / 12P
LOW CURRENT LNA/MIXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com