Electronic Components Datasheet Search
  English  ▼

X  

B3647 Datasheet(PDF) 2 Page - EPCOS

Part # B3647
Description  SAW Components Low-loss Filter 125,0 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3647 Datasheet(HTML) 2 Page - EPCOS

  B3647 Datasheet HTML 1Page - EPCOS B3647 Datasheet HTML 2Page - EPCOS B3647 Datasheet HTML 3Page - EPCOS B3647 Datasheet HTML 4Page - EPCOS B3647 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Feb 04, 2004
SAW Components
B3647
125,0 MHz
Low-Loss Filter
Data Sheet
Ceramic package QCC10B
Features
q
Low-loss wideband IF filter
q
No matching required for operation at 50
Ω
q
Package for Surface Mounted Technology
(SMT)
Terminals
q
Gold-plated
Dimensions in mm, approx. weight 0,2 g
Pin configuration
10
Input
9
Input ground
5
Output
4
Output ground
2, 7
Ground
1, 3, 6, 8
Case – ground
Electrostatic Sensitive Device (ESD)
Type
Ordering code
Marking and Package
according to
Packing
according to
B3647
B39131-B3647-Z710
C61157-A7-A49
F61064-V8035-Z000
Maximum ratings
Operable temperature range
T
– 25/+ 85
˚C
Storage temperature range
Tstg
– 40/+ 125
˚C
DC voltage
VDC
0V
Source power
Ps
10
dBm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com