Electronic Components Datasheet Search
  English  ▼

X  

B3647 Datasheet(PDF) 3 Page - EPCOS

Part # B3647
Description  SAW Components Low-loss Filter 125,0 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3647 Datasheet(HTML) 3 Page - EPCOS

  B3647 Datasheet HTML 1Page - EPCOS B3647 Datasheet HTML 2Page - EPCOS B3647 Datasheet HTML 3Page - EPCOS B3647 Datasheet HTML 4Page - EPCOS B3647 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Feb 04, 2004
SAW Components
B3647
125,0 MHz
Low-Loss Filter
Data Sheet
Characteristics
Operating temperature:
TA = -10 – +85 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω
min.
typ.
max.
Nominal frequency
fN
—
125,0
—
MHz
Insertion attenuation
fN ± 150 kHz
α
max
1,2
1,5
3,2
dB
Passband width
B1,0dB
α
rel ≤ 1,0 dB
—
2,2
—
MHz
Amplitude ripple (p-p)
∆α
fN ± 150 kHz
—
0,15
1,0
dB
Absolute group delay (at
fN)
τ
—
250
300
ns
Group delay ripple (p-p)
∆τ
fN ± 150 kHz
—
20
30
ns
Relative attenuation (relative to
α
max)
α
rel
10,0 MHz ...
fN - 28,0 MHz
12,0
70,0
—
dB
fN - 28,0 MHz ... fN - 14,0 MHz
5,0
50,0
—
dB
fN - 14,0 MHz ... fN - 0,15 MHz
0,0
—
—
dB
fN + 0,15 MHz ... fN + 14,0 MHz
0,0
—
—
dB
fN + 14,0 MHz ... fN + 23,0 MHz
30,0
50,0
—
dB
fN + 23,0 MHz ... fN + 33,0 MHz
44,0
48,0
—
dB
fN + 33,0 MHz ... fN + 325,0 MHz
38,0
46,0
—
dB
Input IP3 (Third order intercept point)1)
1) With two 10 dBm fundamental signals at 125 MHz and 139 MHz applied the third order intermodulation product
at the output at 111 MHz will have less than -64 dBm.
45
—
—
dBm
VSWR
fN ± 150 kHz
—
1,4:1
2,0:1
Temperature coefficient of frequency
TCf
—
-70
—
ppm/K



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com