Electronic Components Datasheet Search
  English  ▼

X  

B3678 Datasheet(PDF) 2 Page - EPCOS

Part # B3678
Description  SAW Components Low-Loss Filter 246,0 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3678 Datasheet(HTML) 2 Page - EPCOS

  B3678 Datasheet HTML 1Page - EPCOS B3678 Datasheet HTML 2Page - EPCOS B3678 Datasheet HTML 3Page - EPCOS B3678 Datasheet HTML 4Page - EPCOS B3678 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Nov 17, 1999
SAW Components
B3678
246,0 MHz
Low-Loss Filter
Data Sheet
Ceramic package QCC8C
Features
q
Low-loss IF filter
q
Low insertion attenuation
q
Low amplitude ripple
q
Usable passband 1 MHz
q
No matching network required for operation
at 200
Ω (input) and 50 Ω (output)
q
Balanced input, unbalanced output
q
Ceramic package for Surface Mounted
Technology (SMT)
Terminals
q
Ni, gold-plated
Dimensions in mm, approx. weight 0,1 g
Pin configuration
5, 6
Balanced Input (200
Ω)
2
Output (50
Ω)
1
To be grounded
4, 8
Case ground
3, 7
Not connected
Electrostatic Sensitive Device (ESD)
Type
Ordering code
Marking and Package
according to
Packing
according to
B3678
B39251-B3678-U310
C61157-A7-A56
F61074-V8070-Z000
Maximum ratings
Operable temperature range
T
– 25 / + 85
˚C
Storage temperature range
Tstg
– 40 / + 85
˚C
DC voltage
VDC
0V
Source power
Ps
0
dBm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com