Electronic Components Datasheet Search
  English  ▼

X  

B3678 Datasheet(PDF) 3 Page - EPCOS

Part # B3678
Description  SAW Components Low-Loss Filter 246,0 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3678 Datasheet(HTML) 3 Page - EPCOS

  B3678 Datasheet HTML 1Page - EPCOS B3678 Datasheet HTML 2Page - EPCOS B3678 Datasheet HTML 3Page - EPCOS B3678 Datasheet HTML 4Page - EPCOS B3678 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Nov 17, 1999
SAW Components
B3678
246,0 MHz
Low-Loss Filter
Data Sheet
Characteristics
Operating temperature range:
T
= -25 to +85˚C
Terminating source impedance:
ZS = 200 Ω
Terminating load impedance:
ZL = 50 Ω
min.
typ.
max.
Nominal frequency
fN
—
246,00
—
MHz
Maximum insertion attenuation
α
max
245,5
... 246,5
MHz
—
1,9
2,5
dB
Amplitude ripple
∆α
245,5
... 246,5
MHz
—
0,2
0,4
dB
in any 200 kHz span:
245,5
... 246,5
MHz
—
0,1
0,2
dB
Group delay ripple (p-p)
∆τ
245,8
... 246,2
MHz
—
10,0
40,0
ns
245,5
... 246,5
MHz
—
15,0
50,0
ns
Attenuation
α
rel
100,0
... 226,0
MHz
40
50
—
dB
226,0
... 236,0
MHz
7
50
—
dB
256,0
... 266,0
MHz
7
15
—
dB
266,0
... 268,0
MHz
25
40
—
dB
268,0
... 500,0
MHz
35
50
—
dB



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com