Electronic Components Datasheet Search
  English  ▼

X  

XRT73R12 Datasheet(PDF) 73 Page - Exar Corporation

Part # XRT73R12
Description  TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT73R12 Datasheet(HTML) 73 Page - Exar Corporation

Back Button XRT73R12 Datasheet HTML 69Page - Exar Corporation XRT73R12 Datasheet HTML 70Page - Exar Corporation XRT73R12 Datasheet HTML 71Page - Exar Corporation XRT73R12 Datasheet HTML 72Page - Exar Corporation XRT73R12 Datasheet HTML 73Page - Exar Corporation XRT73R12 Datasheet HTML 74Page - Exar Corporation XRT73R12 Datasheet HTML 75Page - Exar Corporation XRT73R12 Datasheet HTML 76Page - Exar Corporation XRT73R12 Datasheet HTML 77Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 89 page
background image
XRT73R12
70
REV. 1.0.2
TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
TABLE 32: XRT73R12 REGISTER MAP SHOWING ALARM STATUS REGISTERS (AS_N)
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Reserved
Loss of PRBS
Pattern Sync
Digital LOS
Defect
Declared
Analog LOS
Defect
Declared
Reserved
Receive LOL
Defect
Declared
Receive LOS
Defect
Declared
Transmit
DMO
Condition
R/O
R/O
R/O
R/O
R/O
R/O
R/O
TABLE 33: ALARM STATUS REGISTER - CHANNEL N ADDRESS LOCATION = 0XM3
(N = [0:11] & M= 0-5 & 8-D)
BIT NUMBER
NAME
TYPE
DESCRIPTION
7
Reserved
6
Loss of PRBS Pat-
tern Lock
R/O
Loss of PRBS Pattern Lock Indicator:
This READ-ONLY bit-field indicates whether or not the PRBS Receiver
(within the Receive Section of Channel n) is declaring PRBS Lock within the
incoming PRBS pattern.
If the PRBS Receiver detects a very large number of bit-errors within its
incoming data-stream, then it will declare the Loss of PRBS Lock Condition.
Conversely, if the PRBS Receiver were to detect its pre-determined PRBS
pattern with the incoming DS3, E3 or STS-1 data-stream, (with little or no bit
errors) then the PRBS Receiver will clear the Loss of PRBS Lock condition.
0 - Indicates that the PRBS Receiver is currently declaring the PRBS Lock
condition within the incoming DS3, E3 or STS-1 data-stream.
1 - Indicates that the PRBS Receiver is currently declaring the Loss of PRBS
Lock condition within the incoming DS3, E3 or STs-1 data-stream.
NOTE: This register bit is only valid if all of the following are true.
a. The PRBS Generator block (within the Transmit Section of the Chip is
enabled).
b. The PRBS Receiver is enabled.
c. The PRBS Pattern (that is generated by the PRBS Generator) is
somehow looped back into the Receive Path (via the Line-Side) and
in-turn routed to the receive input of the PRBS Receiver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com