Electronic Components Datasheet Search
  English  ▼

X  

XRT73R12 Datasheet(PDF) 85 Page - Exar Corporation

Part # XRT73R12
Description  TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT73R12 Datasheet(HTML) 85 Page - Exar Corporation

Back Button XRT73R12 Datasheet HTML 81Page - Exar Corporation XRT73R12 Datasheet HTML 82Page - Exar Corporation XRT73R12 Datasheet HTML 83Page - Exar Corporation XRT73R12 Datasheet HTML 84Page - Exar Corporation XRT73R12 Datasheet HTML 85Page - Exar Corporation XRT73R12 Datasheet HTML 86Page - Exar Corporation XRT73R12 Datasheet HTML 87Page - Exar Corporation XRT73R12 Datasheet HTML 88Page - Exar Corporation XRT73R12 Datasheet HTML 89Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 85 / 89 page
background image
XRT73R12
82
REV. 1.0.2
TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
Each channel contains a dedicated 16 bit PRBS error counter. When enabled this counter will accumulate
PRBS errors (as well as excess zeros and LCVs). The LS byte will "carry" a one over to the MS byte each time
it rolls over from 255 to zero until the MS byte also reaches 255. When both counters reach 255, no further
errors will be accumulated and "all ones" will signify an overflow condition.
The counter can be read while in the active count mode. Either register may be read "on the fly" and the other
byte will be simultaneously transferred into the channel’s Error Holding register. The holding register may then
be read to supply the Host with a correct 16 bit count (as of the instant of reading). With this mechanism, the
Host could rapidly cycle thru reading all twelve counters in order (storing the read byte in scratch RAM) and
then come back and read the second byte from each holding register to form the 16 bit accumulation in the
Host system.
0xE-
CIE
CIS
0xF-
TABLE 45: ERROR COUNTER HOLDING REGISTER - CHANNEL N ADDRESS LOCATION = 0XMC (M= 0-5 & 8-D)
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Msb
Ls bit
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
TABLE 44: XRT73R12 REGISTER MAP SHOWING ERROR COUNTER HOLDING REGISTERS (EH_N) (N = [0:11])
ADDRESS
LOCATION
0
1
2
3
4
5
6
7
8
9
A
B
C
D E
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com