Electronic Components Datasheet Search
  English  ▼

X  

XRT83SH38 Datasheet(PDF) 21 Page - Exar Corporation

Part # XRT83SH38
Description  8-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SH38 Datasheet(HTML) 21 Page - Exar Corporation

Back Button XRT83SH38 Datasheet HTML 17Page - Exar Corporation XRT83SH38 Datasheet HTML 18Page - Exar Corporation XRT83SH38 Datasheet HTML 19Page - Exar Corporation XRT83SH38 Datasheet HTML 20Page - Exar Corporation XRT83SH38 Datasheet HTML 21Page - Exar Corporation XRT83SH38 Datasheet HTML 22Page - Exar Corporation XRT83SH38 Datasheet HTML 23Page - Exar Corporation XRT83SH38 Datasheet HTML 24Page - Exar Corporation XRT83SH38 Datasheet HTML 25Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 78 page
background image
XRT83SH38
18
REV. 1.0.7
8-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
DVDD
R9
U10
K18
D9
D10
K15
A9
J4
****
Digital Power Supply (3.3V ±5%)
DVDD should be isolated from the analog power supplies. For best results, use
an internal power plane for isolation. If an internal power plane is not available,
a ferrite bead can be used. Every two DVDD power supply pins should be
bypassed to ground through at least one 0.1
µF capacitor.
DGND
R8
T9
H17
B9
D8
C9
G15
K2
****
Digital Ground
It’s recommended that all ground pins of this device be tied together.
SIGNAL NAME
BGA
LEAD #
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com