Electronic Components Datasheet Search
  English  ▼

X  

XRT83SH38 Datasheet(PDF) 39 Page - Exar Corporation

Part # XRT83SH38
Description  8-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SH38 Datasheet(HTML) 39 Page - Exar Corporation

Back Button XRT83SH38 Datasheet HTML 35Page - Exar Corporation XRT83SH38 Datasheet HTML 36Page - Exar Corporation XRT83SH38 Datasheet HTML 37Page - Exar Corporation XRT83SH38 Datasheet HTML 38Page - Exar Corporation XRT83SH38 Datasheet HTML 39Page - Exar Corporation XRT83SH38 Datasheet HTML 40Page - Exar Corporation XRT83SH38 Datasheet HTML 41Page - Exar Corporation XRT83SH38 Datasheet HTML 42Page - Exar Corporation XRT83SH38 Datasheet HTML 43Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 78 page
background image
XRT83SH38
36
REV. 1.0.7
8-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
5.2
Line Card Redundancy
Telecommunication system design requires signal integrity and reliability. When a T1/E1 primary line card has
a failure, it must be swapped with a backup line card while maintaining connectivity to a backplane without
losing data. System designers can achieve this by implementing common redundancy schemes with the
XRT83SH38 LIU. EXAR offers features that are tailored to redundancy applications while reducing the number
of components and providing system designers with solid reference designs.
RLOS and DMO
If an RLOS or DMO condition occurs, the XRT83SH38 reports the alarm to the individual status registers on a
per channel basis. However, for redundancy applications, an RLOS or DMO alarm can be used to initiate an
automatic switch to the back up card. For this application, two global pins RLOS and DMO are used to indicate
that one of the 8-channels has an RLOS or DMO condition.
Typical Redundancy Schemes
• 1:1 One backup card for every primary card (Facility Protection)
• 1+1 One backup card for every primary card (Line Protection)
• ·N+1 One backup card for N primary cards
5.2.1
1:1 and 1+1 Redundancy Without Relays
The 1:1 facility protection and 1+1 line protection have one backup card for every primary card. When using
1:1 or 1+1 redundancy, the backup card has its transmitters tri-stated and its receivers in high impedance. This
eliminates the need for external relays and provides one bill of materials for all interface modes of operation.
For 1+1 line protection, the receiver inputs on the backup card have the ability to monitor the line for bit errors
while in high impedance. The transmit and receive sections of the LIU device are described separately.
5.2.2
Transmit Interface with 1:1 and 1+1 Redundancy
The transmitters on the backup card should be tri-stated. Select the appropriate impedance for the desired
mode of operation, T1/E1/J1. A 0.68uF capacitor is used in series with TTIP for blocking DC bias. See
Figure 27. for a simplified block diagram of the transmit section for a 1:1 and 1+1 redundancy.
FIGURE 27. SIMPLIFIED BLOCK DIAGRAM OF THE TRANSMIT INTERFACE FOR 1:1 AND 1+1 REDUNDANCY
T1/E1 Line
Backplane Interface
Primary Card
Backup Card
XRT83SH38
Tx
Tx
0.68uF
0.68uF
Internal Impedence
1:2
1:2
XRT83SH38
Internal Impedence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com