Electronic Components Datasheet Search
  English  ▼

X  

XRT83VSH28IB Datasheet(PDF) 10 Page - Exar Corporation

Part # XRT83VSH28IB
Description  8-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83VSH28IB Datasheet(HTML) 10 Page - Exar Corporation

Back Button XRT83VSH28IB Datasheet HTML 6Page - Exar Corporation XRT83VSH28IB Datasheet HTML 7Page - Exar Corporation XRT83VSH28IB Datasheet HTML 8Page - Exar Corporation XRT83VSH28IB Datasheet HTML 9Page - Exar Corporation XRT83VSH28IB Datasheet HTML 10Page - Exar Corporation XRT83VSH28IB Datasheet HTML 11Page - Exar Corporation XRT83VSH28IB Datasheet HTML 12Page - Exar Corporation XRT83VSH28IB Datasheet HTML 13Page - Exar Corporation XRT83VSH28IB Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 74 page
background image
XRT83VSH28
PRELIMINARY
7
8-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
REV. P1.0.0
RXRES1
RXRES0
R10
V10
I
Receive External Resistor Control Pins
Hardware mode Only
These pins are used in the Receive Internal Impedance mode for unique applica-
tions where an accurate resistor can be used to achieve optimal return loss. When
RxRES[1:0] are used, the LIU automatically sets the internal impedance to match
the line build out. For example: if 240
Ω is selected, the LIU chooses an internal
impedance such that the parallel combination equals the impedance chosen by
TERSEL[1:0].
"00" = No External Fixed Resistor
"01" = 240
Ω
"10" = 210
Ω
"11" = 150
Ω
NOTE: These pins are internally pulled “Low” with a 50k
Ω resistor. This feature is
available in Host mode by programming the appropriate channel register.
RCLKE/
µPTS1
J16
I
Receive Clock Edge
Hardware Mode
This pin is used to select which edge of the recovered clock is used to update data to
the receiver on the RPOS/RNEG outputs. By default, data is updated on the risinge
edge. To udpdate data on the falling edge, this pin must be pulled "High".
Host Mode
µPTS[2:1] pins are used to select the type of microprocessor to be used for Host
communication.
"00" = 8051 Intel Asynchronous
"01" = 68K Motorola Asynchronous
"11" = MPC8xx Power PC Synchronous
NOTE: This pin is internally pulled “Low” with a 50k
Ω resistor.
SIGNAL NAME
BGA
LEAD #
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com