Electronic Components Datasheet Search
  English  ▼

X  

XRT83VSH28IB Datasheet(PDF) 9 Page - Exar Corporation

Part # XRT83VSH28IB
Description  8-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83VSH28IB Datasheet(HTML) 9 Page - Exar Corporation

Back Button XRT83VSH28IB Datasheet HTML 5Page - Exar Corporation XRT83VSH28IB Datasheet HTML 6Page - Exar Corporation XRT83VSH28IB Datasheet HTML 7Page - Exar Corporation XRT83VSH28IB Datasheet HTML 8Page - Exar Corporation XRT83VSH28IB Datasheet HTML 9Page - Exar Corporation XRT83VSH28IB Datasheet HTML 10Page - Exar Corporation XRT83VSH28IB Datasheet HTML 11Page - Exar Corporation XRT83VSH28IB Datasheet HTML 12Page - Exar Corporation XRT83VSH28IB Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 74 page
background image
PRELIMINARY
XRT83VSH28
6
REV. P1.0.0
8-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
RTIP0
RTIP1
RTIP2
RTIP3
RTIP4
RTIP5
RTIP6
RTIP7
C1
G1
G18
C18
U1
L1
L18
T18
I
Receive Differential Tip Input
RTIP is the positive differential input from the line interface. Along with the RRING
signal, these pins should be coupled to a 1:1 transformer for proper operation.
RRING0
RRING1
RRING2
RRING3
RRING4
RRING5
RRING6
RRING7
D1
F1
F18
D18
T1
M1
M18
R18
I
Receive Differential Ring Input
RRING is the negative differential input from the line interface. Along with the RTIP-
signal, these pins should be coupled to a 1:1 transformer for proper operation.
RXMUTE
T12
I
Receive Data Muting
Hardware Mode Only
This pin is AND-ed with each of the RLOS functions on a per channel basis. There-
fore, if this pin is pulled "High" and a given channel experiences a loss of signal, then
the RPOS/RNEG output pins are automatically pulled "Low" to prevent data chatter-
ing. To disable this feature, the RxMUTE pin must be pulled "Low".
NOTE: This pin is internally pulled “High” with a 50k
Ω resistor
SIGNAL NAME
BGA
LEAD #
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com