Electronic Components Datasheet Search
  English  ▼

X  

SA630 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SA630
Description  Single pole double throw SPDT switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA630 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SA630 Datasheet HTML 5Page - NXP Semiconductors SA630 Datasheet HTML 6Page - NXP Semiconductors SA630 Datasheet HTML 7Page - NXP Semiconductors SA630 Datasheet HTML 8Page - NXP Semiconductors SA630 Datasheet HTML 9Page - NXP Semiconductors SA630 Datasheet HTML 10Page - NXP Semiconductors SA630 Datasheet HTML 11Page - NXP Semiconductors SA630 Datasheet HTML 12Page - NXP Semiconductors SA630 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Philips Semiconductors
Product specification
SA630
Single pole double throw (SPDT) switch
1997 Nov 07
9
TA = +25°C
CH2
CH1
FREQUENCY (MHz)
0
10
100
1000
2000
–10
–20
–30
–40
–50
–60
–70
–80
VDD = +5V
SR00594
Figure 17. Isolation Matching vs. Frequency; CH1 vs. CH2 for
D-Package
TA = +25°C
3V
4V
5V
FREQUENCY (MHz)
0
–5
–10
–15
–20
–25
–30
10
100
1000
2000
SR00595
Figure 18. Input Match On-Channel vs. Frequency and VDD
VDD = 5V
TA = +25°C
FREQUENCY (MHz)
0
–5
–10
–15
–20
–25
–30
10
100
1000
2000
SR00597
Figure 19. Output Match On-Channel vs. Frequency
FREQUENCY (MHz)
TA = +25°C
CH1: 3V
CH1: 5V
CH2: 5V
0
–5
–10
–15
–20
–25
–30
10
100
1000
2000
SR00597
Figure 20. OFF-Channel Match vs. Frequency and VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com