Electronic Components Datasheet Search
  English  ▼

X  

SA630 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SA630
Description  Single pole double throw SPDT switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA630 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SA630 Datasheet HTML 6Page - NXP Semiconductors SA630 Datasheet HTML 7Page - NXP Semiconductors SA630 Datasheet HTML 8Page - NXP Semiconductors SA630 Datasheet HTML 9Page - NXP Semiconductors SA630 Datasheet HTML 10Page - NXP Semiconductors SA630 Datasheet HTML 11Page - NXP Semiconductors SA630 Datasheet HTML 12Page - NXP Semiconductors SA630 Datasheet HTML 13Page - NXP Semiconductors SA630 Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Philips Semiconductors
Product specification
SA630
Single pole double throw (SPDT) switch
1997 Nov 07
10
FREQUENCY (MHz)
VDD = 5V
+85
°C
+25
°C
-40
°C
0
–5
–10
–15
–20
–25
–30
10
100
1000
2000
SR00598
Figure 21.
OFF Channel Match vs. Frequency and
Temperature
TA = +25°C
3V
4V
5V
20
18
16
14
12
10
8
6
4
2
0
10
100
1000
2000
FREQUENCY (MHz)
SR00599
Figure 22.
P-1 dB vs. Frequency and VDD
3
3.5
4
4.5
5
5.5
6
IP2
IP3
60
50
40
30
20
10
0
SUPPLY VOLTAGE (V)
TA = +25°C
SR00633
Figure 23.
Intercept Points vs.VDD
10
100
1000
2000
FREQUENCY (MHz)
TA = +25°C
ZO = 50Ω
3V
4V
5V
5
4.5
4
3.5
3
2.5
2
1.5
1
0.5
0
SR00634
Figure 24. Noise Figure vs. Frequency and VDD for D-Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com