Electronic Components Datasheet Search
  English  ▼

X  

XRT84L38 Datasheet(PDF) 13 Page - Exar Corporation

Part # XRT84L38
Description  OCTAL T1/E1/J1 FRAMER
PDF  453 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT84L38 Datasheet(HTML) 13 Page - Exar Corporation

Back Button XRT84L38 Datasheet HTML 9Page - Exar Corporation XRT84L38 Datasheet HTML 10Page - Exar Corporation XRT84L38 Datasheet HTML 11Page - Exar Corporation XRT84L38 Datasheet HTML 12Page - Exar Corporation XRT84L38 Datasheet HTML 13Page - Exar Corporation XRT84L38 Datasheet HTML 14Page - Exar Corporation XRT84L38 Datasheet HTML 15Page - Exar Corporation XRT84L38 Datasheet HTML 16Page - Exar Corporation XRT84L38 Datasheet HTML 17Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 453 page
background image
XRT84L38
IX
REV. 1.0.1
OCTAL T1/E1/J1 FRAMER
FIGURE 108. E1 TRANSMIT OVERHEAD INPUT INTERFACE TIMING ................................................................................................. 313
8.2 E1 RECEIVE OVERHEAD INTERFACE ......................................................................................................... 313
8.2.1 DESCRIPTION OF THE E1 RECEIVE OVERHEAD OUTPUT INTERFACE BLOCK ............................................... 313
FIGURE 109. BLOCK DIAGRAM OF THE E1 RECEIVE OVERHEAD OUTPUT INTERFACE OF XRT84L38 .............................................. 314
8.2.2 CONFIGURE THE E1 RECEIVE OVERHEAD OUTPUT INTERFACE MODULE AS SOURCE OF THE NATIONAL BIT
SEQUENCE IN E1 FRAMING FORMAT MODE.......................................................................................................... 314
RECEIVE SIGNALING AND DATA LINK SELECT REGISTER (RSDLSR) (INDIRECT ADDRESS = 0XN0H, 0X0CH) 314
FIGURE 110. E1 RECEIVE OVERHEAD OUTPUT INTERFACE TIMING................................................................................................ 315
9.0 DS1 TRANSMIT FRAMER BLOCK ..................................................................................................... 316
9.1 HOW TO CONFIGURE XRT84L38 TO OPERATE IN DS1 MODE ................................................................. 316
CLOCK SELECT REGISTER (CSR) (INDIRECT ADDRESS = 0XN0H, 0X00H)................................................. 316
FRAMING SELECT REGISTER (FSR) (INDIRECT ADDRESS = 0XN0H, 0X07H).............................................. 316
9.2 HOW TO CONFIGURE THE FRAMER TO TRANSMIT DATA IN VARIOUS DS1 FRAMING FORMATS .... 317
FRAMING SELECT REGISTER (FSR) (INDIRECT ADDRESS = 0XN0H, 0X07H) .............................................. 317
9.2.1 HOW TO CONFIGURE THE FRAMER TO INPUT FRAMING ALIGNMENT BITS FROM DIFFERENT SOURCES 317
SYNCHRONIZATION MUX REGISTER (SMR) (INDIRECT ADDRESS = 0XN0H, 0X09H) ................................... 318
9.2.2 HOW TO CONFIGURE THE FRAMER TO INPUT CRC-6 BITS FROM DIFFERENT SOURCES ............................ 318
SYNCHRONIZATION MUX REGISTER (SMR) (INDIRECT ADDRESS = 0XN0H, 0X09H) ................................... 319
9.3 HOW TO CONFIGURE THE FRAMER TO APPLY DATA AND SIGNALING CONDITIONING TO DS1 PAYLOAD
DATA ON A PER-CHANNEL BASIS............................................................................................................ 319
TRANSMIT CHANNEL CONTROL REGISTER (TCCR) (INDIRECT ADDRESS = 0XN2H, 0X00H - 0X1FH) .......... 320
9.3.1 HOW TO APPLY USER IDLE CODE TO THE DS1 PAYLOAD DATA ...................................................................... 320
USER IDLE CODE REGISTER (UCR) (INDIRECT ADDRESS = 0XN02H, 0X20H - 0X37H) ............................ 321
9.4 HOW TO CONFIGURE THE XRT84L38 FRAMER TO APPLY ZERO CODE SUPPRESSION TO DS1 PAYLOAD
DATA ON A PER-CHANNEL BASIS............................................................................................................ 321
TRANSMIT CHANNEL CONTROL REGISTER (TCCR) (INDIRECT ADDRESS = 0XN2H, 0X00H - 0X1FH) ......... 321
9.5 HOW TO CONFIGURE THE XRT84L38 FRAMER TO TRANSMIT ROBBED-BIT SIGNALING INFORMATION
321
9.5.1 BRIEF DISCUSSION OF ROBBED-BIT SIGNALING IN DS1 FRAMING FORMAT ................................................. 322
9.5.2 CONFIGURE THE FRAMER TO TRANSMIT ROBBED-BIT SIGNALING................................................................. 323
9.5.2.1 INSERT SIGNALING BITS FROM TSCR REGISTER ................................................................................................. 323
TRANSMIT SIGNALING CONTROL REGISTER (TSCR) (INDIRECT ADDRESS = 0XN2H, 0X40H - 0X57H) ........ 324
9.5.2.2 INSERT SIGNALING BITS FROM TXSIG_N PIN ....................................................................................................... 324
FIGURE 111. TIMING DIAGRAM OF THE TXSIG_N INPUT ................................................................................................................. 324
TRANSMIT INTERFACE CONTROL REGISTER (TICR) (INDIRECT ADDRESS = 0XN0H, 0X20H)........................ 325
9.5.2.3 INSERT SIGNALING DATA FROM TXSER_N PIN..................................................................................................... 325
9.5.2.4 ENABLE ROBBED-BIT SIGNALING AND SIGNALING DATA SOURCE CONTROL ........................................................ 325
TRANSMIT SIGNALING CONTROL REGISTER (TSCR) (INDIRECT ADDRESS = 0XN2H, 0X40H - 0X57H) ........ 325
TRANSMIT SIGNALING CONTROL REGISTER (TSCR) (INDIRECT ADDRESS = 0XN2H, 0X40H - 0X57H) ........ 326
9.6 HOW TO CONFIGURE THE XRT84L38 FRAMER TO GENERATE AND TRANSMIT ALARMS AND ERROR IN-
DICATIONS TO REMOTE TERMINAL ......................................................................................................... 326
9.6.1 BRIEF DISCUSSION OF ALARMS AND ERROR CONDITIONS .............................................................................. 326
FIGURE 112. SIMPLE DIAGRAM OF DS1 SYSTEM MODEL .............................................................................................................. 327
FIGURE 113. GENERATION OF YELLOW ALARM BY THE CPE UPON DETECTION OF LINE FAILURE..................................................... 328
FIGURE 114. GENERATION OF AIS BY THE REPEATER UPON DETECTION OF YELLOW ALARM ORIGINATED BY THE CPE................... 329
FIGURE 115. GENERATION OF YELLOW ALARM BY THE CPE UPON DETECTION OF AIS ORIGINATED BY THE REPEATER ................... 330
9.6.2 HOW TO CONFIGURE THE FRAMER TO TRANSMIT AIS ...................................................................................... 330
ALARM GENERATION REGISTER (AGR) (INDIRECT ADDRESS = 0XN0H, 0X08H).......................................... 331
9.6.3 HOW TO CONFIGURE THE FRAMER TO GENERATE RED ALARM ..................................................................... 331
ALARM GENERATION REGISTER (AGR) (INDIRECT ADDRESS = 0XN0H, 0X08H).......................................... 331
9.6.4 HOW TO CONFIGURE THE FRAMER TO TRANSMIT YELLOW ALARM ............................................................... 331
9.6.4.1 TRANSMIT YELLOW ALARM IN SF MODE ............................................................................................................. 331
9.6.4.2 TRANSMIT YELLOW ALARM IN ESF MODE........................................................................................................... 332
9.6.4.3 TRANSMIT YELLOW ALARM IN N MODE ............................................................................................................... 332
9.6.4.4 TRANSMIT YELLOW ALARM IN T1DM MODE ........................................................................................................ 332
ALARM GENERATION REGISTER (AGR) (INDIRECT ADDRESS = 0XN0H, 0X08H).......................................... 333
10.0 DS1 RECEIVE FRAMER BLOCK...................................................................................................... 334
10.1 HOW TO CONFIGURE XRT84L38 TO OPERATE IN DS1 MODE ............................................................... 334
CLOCK SELECT REGISTER (CSR) (INDIRECT ADDRESS = 0XN0H, 0X00H)................................................. 334
FRAMING SELECT REGISTER (FSR) (INDIRECT ADDRESS = 0XN0H, 0X07H).............................................. 334
10.2 HOW TO CONFIGURE THE FRAMER TO RECEIVE DATA IN VARIOUS DS1 FRAMING FORMATS ..... 335



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com