Electronic Components Datasheet Search
  English  ▼

X  

XRT84L38 Datasheet(PDF) 39 Page - Exar Corporation

Part # XRT84L38
Description  OCTAL T1/E1/J1 FRAMER
PDF  453 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT84L38 Datasheet(HTML) 39 Page - Exar Corporation

Back Button XRT84L38 Datasheet HTML 35Page - Exar Corporation XRT84L38 Datasheet HTML 36Page - Exar Corporation XRT84L38 Datasheet HTML 37Page - Exar Corporation XRT84L38 Datasheet HTML 38Page - Exar Corporation XRT84L38 Datasheet HTML 39Page - Exar Corporation XRT84L38 Datasheet HTML 40Page - Exar Corporation XRT84L38 Datasheet HTML 41Page - Exar Corporation XRT84L38 Datasheet HTML 42Page - Exar Corporation XRT84L38 Datasheet HTML 43Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 453 page
background image
XRT84L38
19
REV. 1.0.1
OCTAL T1/E1/J1 FRAMER
RxSerClk_0
RxSerClk_1
RxSerClk_2
RxSerClk_3
RxSerClk_4
RxSerClk_5
RxSerClk_6
RxSerClk_7
B2
B9
A17
E23
U24
AF25
AD15
AD7
I or O
Receive Serial Clock Signal—Receive Framer_n: (Continued)
Receive Back-plane Interface-Multiplexed at 16.384 MHz Clock Mode
If RxMUXEN = 1 and RxIMODE[1:0] = 01 in Receive interface control register,
Receive back-plane interface of Framer_n is presenting bit-multiplexed data at a
rate of 16.384 Mbit/s. RxSerClk_0 and RxSerClk_4 signals will be Input clock
signals running at 16.384 MHz. RxSerClk_1, 2, 3 and RxSerClk_5, 6, 7 signals
are not required. Received DS1 Payload data of Channel 0, 1, 2 and 3 are mul-
tiplexed and latched out from Receive back-plane interface using clock edge of
RxSerClk_0 via RxSer_0 output pin. Receive DS1 Payload data of Channel 4,
5, 6 and 7 are multiplexed and latched out from Receive back-plane interface
using clock edge of RxSerClk_4 via RxSer_4 output pin.
Receive Back-plane Interface-HMVIP, 16.384 MHz Clock Mode
If RxMUXEN = 1 and RxIMODE[1:0] = 10 in Receive interface control register,
Receive back-plane interface of Framer_n is presenting multiplexed data at a
rate of 16.384 Mbit/s. RxSerClk_0 and RxSerClk_4 signals will be Input clock
signals running at 16.384 MHz. RxSerClk_1, 2, 3 and RxSerClk_5, 6, 7 signals
are not required. Received DS1 Payload data of Channel 0, 1, 2 and 3 are mul-
tiplexed and latched out from Receive back-plane interface using clock edge of
RxSerClk_0 via RxSer_0 output pin. Receive DS1 Payload data of Channel 4,
5, 6 and 7 are multiplexed and latched out from Receive back-plane interface
using clock edge of RxSerClk_4 via RxSer_4 output pin.
Receive Back-plane Interface-H.100, 16.384 MHz Clock Mode
If RxMUXEN = 1 and RxIMODE[1:0] = 11 in Receive interface control register,
Receive back-plane interface of Framer_n is presenting multiplexed data at a
rate of 16.384 Mbit/s. RxSerClk_0 and RxSerClk_4 signals will be Input clock
signals running at 16.384 MHz. RxSerClk_1, 2, 3 and RxSerClk_5, 6, 7 signals
are not required. Received DS1 Payload data of Channel 0, 1, 2 and 3 are mul-
tiplexed and latched out from Receive back-plane interface using clock edge of
RxSerClk_0 via RxSer_0 output pin. Receive DS1 Payload data of Channel 4,
5, 6 and 7 are multiplexed and latched out from Receive back-plane interface
using clock edge of RxSerClk_4 via RxSer_4 output pin.
RxSer_0
RxSer_1
RxSer_2
RxSer_3
RxSer_4
RxSer_5
RxSer_6
RxSer_7
D4
A9
C18
B24
W26
AE23
AE16
AD8
O
Receive Serial Data Output—Receive Framer_n:
This output pin along with RxSerClk_n functions as the Receive Serial Output
port for Framer_n.
T1 mode:
Any incoming T1 line data that is received from the RxPOS_n and RxNEG_n
input pins, will be decoded and output via this pin.Framer_n can use either the
rising edge or the falling edge of RxSerClk_n input pin to latch the received T1
payload data out according to configurations of Framer_n.
E1 mode:
Much of the data that is received from the line via the RxPOS_n and RxNEG_n
input pins, will be decoded and output via this pin, in a binary format.All data that
is transported via Time Slots 1 through 15 and Time Slots 17 through 31, within
each incoming E1 frame, will be output via this pin. If Framer_n is configured
accordingly, the data for Time Slots 0 and 16 will also be output via this pin.
Framer_n can use either the rising edge or the falling edge of RxSerClk_n input
pin to latch the received DS1/E1 payload data out according to configurations of
Framer_n.
RECEIVE SERIAL DATA OUTPUT
(Framer Channel Number indicated by _n)
SIGNAL NAME
PIN #TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com