Electronic Components Datasheet Search
  English  ▼

X  

XRT86L30 Datasheet(PDF) 70 Page - Exar Corporation

Part # XRT86L30
Description  SINGLE T1/E1/J1 FRAMER/LIU COMBO
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86L30 Datasheet(HTML) 70 Page - Exar Corporation

Back Button XRT86L30 Datasheet HTML 66Page - Exar Corporation XRT86L30 Datasheet HTML 67Page - Exar Corporation XRT86L30 Datasheet HTML 68Page - Exar Corporation XRT86L30 Datasheet HTML 69Page - Exar Corporation XRT86L30 Datasheet HTML 70Page - Exar Corporation XRT86L30 Datasheet HTML 71Page - Exar Corporation XRT86L30 Datasheet HTML 72Page - Exar Corporation XRT86L30 Datasheet HTML 73Page - Exar Corporation XRT86L30 Datasheet HTML 74Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 279 page
background image
XRT86L30
59
SINGLE T1/E1/J1 FRAMER/LIU COMBO
REV. 1.0.0
TABLE 43: GAPPED CLOCK CONTROL REGISTER
REGISTER 30 - T1/E1
GAPPED CLOCK CONTROL REGISTER (GCCR)
HEX ADDRESS: 0X011E
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
7
FrOutclk
R/W
0
Framer Output Clock Reference
By default, the output clock reference on T1OSCCLK and
E1OSCCLK output pins is 1.544MHz/2.048MHz respectively. By
setting this bit to a “1”, the output clock reference is 49.408MHz/
65.536MHz for T1/E1 respectively.
0 = Standard T1/E1 Rate
1 = High-Speed Rate
[6:2] Reserved
-
-
These bits are reserved
1
TxGCCR
R/W
0
Transmit Gapped Clock Interface
This bit is used to select a gapped clock interface operating at
2.048Mbit/s in DS-1 mode. In this application, 63 gaps (missing
data) are inserted so that the overall bit rate is reduced to 1.544Mbit/
s. (In this mode, TxMSYNC is used as the 2.048MHz Gapped Clock
Input. TxSER is used as the 2.048MHz Gapped Data Input.
TxSERCLK must be 1.544MHz.)
0 = Disabled
1 = Transmit gapped clock for the Transmit Path
0
RxGCCR
R/W
0
Receive Gapped Clock Interface
This bit is used to select a gapped clock interface operating at
2.048Mbit/s in DS-1 mode. In this application, 63 gaps (missing
data) are inserted so that the overall bit rate is reduced to 1.544Mbit/
s. (In this mode, RxSERCLK should be configured as an input so
that a 2.048MHz Gapped Clock can be applied to the Framer block.
RxSER is used as the 2.048MHz Gapped Data Output. The posi-
tion of the gaps will be determined by the gaps placed in RxSER-
CLK by the user.)
0 = Disabled
1 = Receive gapped clock for the Receive Path
TABLE 44: GAPPED CLOCK CONTROL REGISTER
REGISTER 31 - T1/E1
MULTIPLEXED ()
HEX ADDRESS: 0X011F
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
7:2 Reserved
R/W
-
Reserved
1:0 MHSCCR[1:0]
R/W
00
Multiplexed High-Speed Channel Control
These bits are used to select which channel (the channel position
can be chosen from 1 of 4 different time slots) within the High-Speed
serial data is to be processed by the framer. The other three chan-
nels will be don’t care bits, since this is a single channel device.
This allows the XRT86L30 to be compatible with High-Speed modes
such as HMVIP/H.100, etc.
00 = Channel 0
01 = Channel 1
10 = Channel 2
11 = Channel 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com