Electronic Components Datasheet Search
  English  ▼

X  

XRT86L30 Datasheet(PDF) 73 Page - Exar Corporation

Part # XRT86L30
Description  SINGLE T1/E1/J1 FRAMER/LIU COMBO
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86L30 Datasheet(HTML) 73 Page - Exar Corporation

Back Button XRT86L30 Datasheet HTML 69Page - Exar Corporation XRT86L30 Datasheet HTML 70Page - Exar Corporation XRT86L30 Datasheet HTML 71Page - Exar Corporation XRT86L30 Datasheet HTML 72Page - Exar Corporation XRT86L30 Datasheet HTML 73Page - Exar Corporation XRT86L30 Datasheet HTML 74Page - Exar Corporation XRT86L30 Datasheet HTML 75Page - Exar Corporation XRT86L30 Datasheet HTML 76Page - Exar Corporation XRT86L30 Datasheet HTML 77Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 279 page
background image
XRT86L30
62
REV. 1.0.0
SINGLE T1/E1/J1 FRAMER/LIU COMBO
4
TxFr1544
R/W
0
If TxMUXEN = 0 and TxIMODE[1:0] = 00
0 = TxChn[4:0] will output the channel number as usual.
1 = TxChn[0]/TxSig will input signaling information and TxChn[1]/TxFrTD will
input
fractional channel data in 1.544 Mbit mode.
NOTE: This bit has no effect while either TxMUXEN = 1 or TxIMODE[1:0] =
00, TxChn[4:0] signals input TxSig and fractional data.
3
TxICLKINV
R/W
0
Clock Inversion
0 = Data transition occurs on rising edge of the transmit clock.
1 = Data transition occurs on falling edge of the transmit clock.
2
TxMUXEN
R/W
0
Mux Enable
0 = No channel multiplexing.
1 = Four channels are multiplexed in single serial stream.
1
TxIMODE[1]
R/W
0
Tx Intf Mode selection
This mode selection determines the interface speed.
When TxMUXEN = 0
00 = Transmit interface is taking data at a rate of 1.544Mbit/s.
01 = Transmit interface is taking data at a rate of 2.048Mbit/s.
10 = Transmit interface is taking data at a rate of 4.096Mbit/s.
11 = Transmit interface is taking data at a rate of 8.192Mbit/s.
When TxMUXEN = 1,
00 = Transmit interface is taking data at a rate of 12.352Mbit/s from channel 0
and bit-demultiplexing into 4 channels from to the LIU outputs on channels 0
through 3. The TxSYNC pulse remains “High” during the framing bit of each
DS-1 frame.
01 = Transmit interface is taking data at a rate of 16.384Mbit/s from channel 0
and bit-demultiplexing into 4 channels from to the LIU outputs on channels 0
through 3. The TxSYNC pulse remains “High” during the framing bit of each
DS-1 frame.
10 = Transmit interface is taking data at a rate of 16.384Mbit/s from channel 0
and byte-demultiplexing into 4 channels from to the LIU outputs on channels 0
through 3 (HMVIP Mode). The TxSYNC pulse remains “High” during the last
two bits of the previous DS-1 frame and the first two bits of the current DS-1
frame.
11 = Transmit interface is taking data at a rate of 16.384Mbit/s from channel 0
and byte-demultiplexing into 4 channels from to the LIU outputs on channels 0
through 3 (H.100 Mode). The TxSYNC pulse remains “High” during the last bit
of the previous DS-1 frame and the first bit of the current DS-1 frame.
NOTE: Channel 4 is de-multiplexed into the LIU outputs at channel 4 through
7.
0
TxIMODE[0]
R/W
0
TABLE 46: TRANSMIT INTERFACE CONTROL REGISTER - T1 MODE
REGISTER 32 - T1 MODE
TRANSMIT INTERFACE CONTROL REGISTER (TICR)
HEX ADDRESS:0X0120
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com