Electronic Components Datasheet Search
  English  ▼

X  

MP1518 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP1518
Description  Fixed Frequency White LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1518 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP1518 Datasheet HTML 1Page - Monolithic Power Systems MP1518 Datasheet HTML 2Page - Monolithic Power Systems MP1518 Datasheet HTML 3Page - Monolithic Power Systems MP1518 Datasheet HTML 4Page - Monolithic Power Systems MP1518 Datasheet HTML 5Page - Monolithic Power Systems MP1518 Datasheet HTML 6Page - Monolithic Power Systems MP1518 Datasheet HTML 7Page - Monolithic Power Systems MP1518 Datasheet HTML 8Page - Monolithic Power Systems MP1518 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MP1518 – FIXED FREQUENCY WHITE LED DRIVER
MP1518 Rev. 1.6
www.MonolithicPower.com
3
7/25/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
ELECTRICAL CHARACTERISTICS (continued)
VIN = VEN = 5V, TA = +25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max Units
Enable
EN Threshold
VEN Rising
1.0
1.35
1.6
V
EN Threshold
VEN Rising, VIN = 2.5V
0.8
V
EN Hysteresis
90
mV
EN Input Bias Current
VEN = 0V, 5V
1
µA
Feedback
FB Voltage
94
104
114
mV
FB Input Bias Current
VFB = 0.1V
-600
-300
nA
Output Switch
SW On-Resistance
(4)
RON
0.5
Ω
SW Current Limit
(4)
Duty Cycle = 60%
350
mA
Thermal Shutdown
(4)
160
°C
Notes:
4) Guaranteed by design.
PIN FUNCTIONS
TSOT23-6
Pin #
QFN8
Pin #
Name Pin Function
1
8
SW
Power Switch Output. SW is the drain of the internal MOSFET switch. Connect
the power inductor and output rectifier to SW. SW can swing between GND and
25V.
2
1, 5
GND
Ground.
3
6
FB
Feedback Input. The MP1518 regulates the voltage across the current sense
resistor between FB and GND. Connect a current sense resistor from the bottom
of the LED string to GND. Connect the bottom of the LED string to FB. The
regulation voltage is 104mV.
4
4
EN
Regulator On/Off Control Input. A high input at EN turns on the converter, and a
low input turns it off. When not used, connect EN to the input source for
automatic startup. The EN pin cannot be left floating.
5
3
OV
Over Voltage Input. OV measures the output voltage for open circuit protection.
Connect OV to the output at the top of the LED string.
6
2
IN
Input Supply Pin. Must be locally bypassed.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com