Electronic Components Datasheet Search
  English  ▼

X  

MP1518 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP1518
Description  Fixed Frequency White LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1518 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP1518 Datasheet HTML 1Page - Monolithic Power Systems MP1518 Datasheet HTML 2Page - Monolithic Power Systems MP1518 Datasheet HTML 3Page - Monolithic Power Systems MP1518 Datasheet HTML 4Page - Monolithic Power Systems MP1518 Datasheet HTML 5Page - Monolithic Power Systems MP1518 Datasheet HTML 6Page - Monolithic Power Systems MP1518 Datasheet HTML 7Page - Monolithic Power Systems MP1518 Datasheet HTML 8Page - Monolithic Power Systems MP1518 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MP1518 – FIXED FREQUENCY WHITE LED DRIVER
MP1518 Rev. 1.6
www.MonolithicPower.com
5
7/25/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
APPLICATION INFORMATION
OFF ON
MP1518
VIN
2.5V to 6V
LED1
LED2
LED3
CMDSH-3
IN
EN
GND
OV
FB
SW
Figure 2—Circuit for Driving 3 WLEDs
A typical application circuit can be seen in
Figure 2. The 3 white LEDs can be driven from
a voltage supply range of 2.5V to 6V at an
output current of 20mA. A 0.22µF output
capacitor is sufficient for most applications but
an output capacitor up to 1µF may be used. A
22µH
inductor
with
low
DCR
(Inductor
resistance)
is
recommended
to
improve
efficiency.
A
1µF
ceramic
capacitor
is
recommended for the input capacitance in the
real system. Schottky diodes have fast recovery
and
a
low
forward
voltage
and
are
recommended. Schottky diodes rated with
100mA to 200mA are sufficient for the MP1518.
The switching characteristics during normal
operation can be seen in Figure 3. The MP1518
has internal soft-start to limit the amount of
current through VIN at startup and to also limit
the amount of overshoot on the output. The
current limit is increased by a fourth every 40µs
giving a total soft-start time of 120µs.
VSW
5V/div.
VOUT AC
50mV/div.
IL
100mA/div.
200ns/div.
Steady State Operation
VIN = 3.6V, 3 LEDS, 20mA
Figure 3—Steady State Operation
Figure 4 shows the startup behavior of the
MP1518. The ramped voltage that is added to
the current sense amplifier reduces the current
output as the duty cycle increases. As more
LEDs are added, the output voltage rises but
the current that can be delivered to the load is
reduced as well.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com