Electronic Components Datasheet Search
  English  ▼

X  

SA638 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SA638
Description  IS-54 IF receiver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA638 Datasheet(HTML) 2 Page - NXP Semiconductors

  SA638 Datasheet HTML 1Page - NXP Semiconductors SA638 Datasheet HTML 2Page - NXP Semiconductors SA638 Datasheet HTML 3Page - NXP Semiconductors SA638 Datasheet HTML 4Page - NXP Semiconductors SA638 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Philips Semiconductors
Preliminary specification
SA638
IS-54 IF receiver
1995 Feb 16
2
PIN DESCRIPTIONS
Pin
No.
Mnemonic
Function
1
RFIN(+)
RF Input Plus: Differential RF Plus input to mixer.
2
RFIN(–)
RF Input Minus: Differential RF Minus input to mixer.
3
OSCB
LO Oscillator Transistor Base: LO generator (Pins 3 and 4) with internal buffer to drive mixer differentially. Can
also be driven externally.
4
OSCE
LO Oscillator Transistor Emitter: Pins 3 and 4 are used to form an oscillator with external components (tank,
varactor, etc.).
5
VCC1
Supply Voltage 1: Voltage supply for mixer and main bias.
6
RSSI/AGC
RSSI Out and AGC Input: Dual use: RSSI output in AMPS mode (no internal opamp) and AGC input in QPSK
mode if needed. If no AGC, input will auto AGC to pre-defined fixed level for IQ outputs, in which case this pin
also serves as RSSI output.
7
PWRDWN
Power-Down: Chip power-down input (CMOS compatible).
8
OSCDEMOD
IF Oscillator Input (LO frequency x4): Oscillator input x4 for I/Q demodulation is needed for internally
generating quad LOs by division.
9
ModeSW
Mode Switch: Logic control signal to select between AMPS and QPSK modes of operation.
10
AUDIO/LPF
Audio Out and LPF Corner Frequency Control: Dual Use: Audio output in the AMPS mode and LPF corner
frequency control in QPSK mode.
11
DEMOD1
Demod Auxiliary Pin: Used to implement FM demodulation in AMPS mode.
12
Q
Baseband Q Ouptut: Quadrature baseband output referenced to IQREF.
13
I
Baseband I Output: In-phase baseband output referenced to IQREF.
14
VCC2
Supply Voltage 2: Voltage supply for IF amp and demodulator.
15
IQREF
I/Q Reference Voltage: Reference voltage for baseband I/Q outputs.
16
GND2
Ground 2: Ground common for IF amp and demodulator.
17
DEMOD2/Offsets
Demod Auxiliary Pin and I/Q Offset Control: Dual Use: In AMPS mode serves for FM demodulator; in QPSK
mode serves as I/Q offset control.
18
IQ DEMOD
Input to the Demodulator: IF input to demodulator from AGC IF amp output.
19
GND1
Ground 1: Ground common for mixer and main bias.
20
IFAMPOUT
IF Amplifier Output: IF amplifier output.
21
VCCMID
VCC Midpoint Bypass: The internally generated VCC midpoint bias needs to be externally bypassed with a
suitable capacitor.
22
IFAMPIN
Input to IF Amplifier: Input to IF Amplifier from mixer through external filter.
23
IFAMPDC
Reference Input to IF Amp: External bypassing for low frequency feedback of IF amp to null DC offsets.
24
MIXOUT
Output from Mixer: IF output from mixer to external BPF and IF amp.
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
RATING
UNITS
VCC
Single supply voltage
V
VIN
Voltage applied to any other pin
V
TSTG
Storage temperature range
°C
TA
Operating ambient temperature range SA639
°C
NOTE:
θJA Thermal impedance (DH package) 117°C/W



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com