Electronic Components Datasheet Search
  English  ▼

X  

SA638 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SA638
Description  IS-54 IF receiver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA638 Datasheet(HTML) 3 Page - NXP Semiconductors

  SA638 Datasheet HTML 1Page - NXP Semiconductors SA638 Datasheet HTML 2Page - NXP Semiconductors SA638 Datasheet HTML 3Page - NXP Semiconductors SA638 Datasheet HTML 4Page - NXP Semiconductors SA638 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Philips Semiconductors
Preliminary specification
SA638
IS-54 IF receiver
1995 Feb 16
3
DC ELECTRICAL CHARACTERISTICS
VCC = +3V, TA = 25°C; unless otherwise stated.
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNITS
SYMBOL
PARAMETER
TEST CONDITIONS
SA639
UNITS
MIN
TYP
MAX
VCC
Power supply voltage range
2.7
5.5
V
ICC
DC current drain
10
mA
Mixer
Conversion power gain
Input matched externally to tbd
Ω,
Output is doubly terminated filter,
1.5k
Ω impedance
15
dB
Noise figure
Single side band
8.5
dB
IIP3
Input IP3
-10
dBm
Input P-1, input compression
point
-20
dBm
Input impedance
1k
Ω series with 2.5pF
IF output impedance
1.5
k
Ω
Input frequency range
150
MHz
LO and 2xLO suppression at IF
output
-30
dBc
IF frequency
2
MHz
IF Amp, FM Demodulator, RSSI in FM Mode
IF amp gain
90
dB
Input impedance
1.5
k
Ω
Output impedance
150
Ω
RSSI dynamic range
90
dB
RSSI linearity
-1.5
+1.5
dB
Audio output impedance
300
Ω
Audio output level
110
mVRMS
Audio SINAD for RF signal
-50dBm
35
Noise figure
11
dB
Output IP3
tbd
IF Amp, AGC, RSSI and IQ Demodulator, QPSK Mode
Input impedance
1.5
k
Ω
Gain
10
95
dB
Input IP3
tbd
RSSI dynamic range
90
dB
RSSI linearity
-2.5
+2.5
dB
LPF frequency control
40
80
kHz
Channel matching: gain
1
dB
phase
5
deg.
I/Q output level
for a given tbd linearity; about IQ
output reference level
250
mVPEAK
I/Q output reference level
tbd
NOTE:
1.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com