Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL34IB Datasheet(PDF) 19 Page - Exar Corporation

Part # XRT86VL34IB
Description  T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL34IB Datasheet(HTML) 19 Page - Exar Corporation

Back Button XRT86VL34IB Datasheet HTML 15Page - Exar Corporation XRT86VL34IB Datasheet HTML 16Page - Exar Corporation XRT86VL34IB Datasheet HTML 17Page - Exar Corporation XRT86VL34IB Datasheet HTML 18Page - Exar Corporation XRT86VL34IB Datasheet HTML 19Page - Exar Corporation XRT86VL34IB Datasheet HTML 20Page - Exar Corporation XRT86VL34IB Datasheet HTML 21Page - Exar Corporation XRT86VL34IB Datasheet HTML 22Page - Exar Corporation XRT86VL34IB Datasheet HTML 23Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 153 page
background image
XRT86VL3X
12
REV. 1.2.2
T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
1.10
Overhead Interface
The Overhead interface provides an option for inserting the datalink bits into the transmit PCM data or
extracting the datalink bits from the receive PCM data. By default, the datalink information is processed to and
from the PCM data directly. On the transmit path, the overhead clock is automatically provided as a clock
reference to externally time the datalink bits. The user should provide data on the rising edge of the TxOHclk
so that the framer can sample the datalink bits on the falling edge. On the receive path, the datalink bits are
updated on the rising edge of the RxOHclk output pin. In T1 ESF mode, a datalink bit occurs every other
frame. Therefore, the default overhead interface is operating at 4kbps. In E1 mode, the datalink bits are
located in the first time slot of each Non-FAS frame. Figure 14 is a simplified block diagram of the Overhead
Interface.
Figure 15 is a simplified diagram for the T1 external overhead datalink bus.
Figure 16 is a
simplified diagram for the E1 external overhead datalink bus.
FIGURE 13. SF / SLC-96 OR 4-CODE SIGNALING IN ESF / CAS EXTERNAL SIGNALING BUS
FIGURE 14. T1/E1 OVERHEAD INTERFACE
TxSYNC
TxMSYNC
TxSERclk
TxCHN0/TxSIG
TxSER
F
B
A
TS 1
B
A
B
A
TS 2
TS 3
Datalink Bits
PCM Data
Tx LIU
Rx LIU
Datalink Bits
PCM Data
Transmit Direction
Receive Direction
TxSER
TxOH
RxSER
RxOH
Physical
Interface
TxOHclk
RxOHclk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com