Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL34IB Datasheet(PDF) 7 Page - Exar Corporation

Part # XRT86VL34IB
Description  T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL34IB Datasheet(HTML) 7 Page - Exar Corporation

Back Button XRT86VL34IB Datasheet HTML 3Page - Exar Corporation XRT86VL34IB Datasheet HTML 4Page - Exar Corporation XRT86VL34IB Datasheet HTML 5Page - Exar Corporation XRT86VL34IB Datasheet HTML 6Page - Exar Corporation XRT86VL34IB Datasheet HTML 7Page - Exar Corporation XRT86VL34IB Datasheet HTML 8Page - Exar Corporation XRT86VL34IB Datasheet HTML 9Page - Exar Corporation XRT86VL34IB Datasheet HTML 10Page - Exar Corporation XRT86VL34IB Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 153 page
background image
XRT86VL3X
IV
REV. 1.2.2
T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
LIST OF FIGURES
Figure 1.: XRT86VL3x N-Channel DS1 (T1/E1/J1) Framer/LIU Combo ........................................................................... 1
Figure 2.: LIU Transmit Connection Diagram Using Internal Termination ......................................................................... 4
Figure 3.: LIU Receive Connection Diagram Using Internal Termination ......................................................................... 4
Figure 4.: Simplified Block Diagram of the Transmit Interface for 1:1 and 1+1 Redundancy ............................................ 5
Figure 5.: Simplified Block Diagram of the Receive Interface for 1:1 and 1+1 Redundancy ............................................. 6
Figure 6.: Simplified Block Diagram of a Non-Intrusive Monitoring Application ................................................................. 7
Figure 7.: Transmit T1/E1 Serial PCM Interface ................................................................................................................ 8
Figure 8.: Receive T1/E1 Serial PCM Interface ................................................................................................................. 8
Figure 9.: T1 Fractional Interface ....................................................................................................................................... 9
Figure 10.: T1/E1 Time Slot Substitution and Control ..................................................................................................... 10
Figure 11.: Robbed Bit Signaling / CAS Signaling ........................................................................................................... 11
Figure 12.: ESF / CAS External Signaling Bus ................................................................................................................ 11
Figure 13.: SF / SLC-96 or 4-code Signaling in ESF / CAS External Signaling Bus ....................................................... 12
Figure 14.: T1/E1 Overhead Interface ............................................................................................................................. 12
Figure 15.: T1 External Overhead Datalink Bus .............................................................................................................. 13
Figure 16.: E1 Overhead External Datalink Bus .............................................................................................................. 13
Figure 17.: Simplified Block Diagram of the Framer Bypass Mode ................................................................................. 14
Figure 18.: T1 High-Speed Non-Multiplexed Interface .................................................................................................... 15
Figure 19.: E1 High-Speed Non-Multiplexed Interface .................................................................................................... 15
Figure 20.: Transmit High-Speed Bit Multiplexed Block Diagram .................................................................................... 16
Figure 21.: Receive High-Speed Bit Multiplexed Block Diagram ..................................................................................... 16
Figure 22.: Simplified Block Diagram of Local Analog Loopback .................................................................................... 17
Figure 23.: Simplified Block Diagram of Remote Loopback ............................................................................................ 17
Figure 24.: Simplified Block Diagram of Digital Loopback ............................................................................................... 18
Figure 25.: Simplified Block Diagram of Dual Loopback .................................................................................................. 18
Figure 26.: Simplified Block Diagram of the Framer Remote Line Loopback .................................................................. 19
Figure 27.: Simplified Block Diagram of the Framer Local Loopback .............................................................................. 19
Figure 28.: HDLC Controllers .......................................................................................................................................... 20
Figure 29.: Storing and Retrieving Message Contents .................................................................................................... 21
Figure 30.: Sending HDLC Messages ............................................................................................................................. 22
Figure 31.: Receiving HDLC Messages ........................................................................................................................... 23
Figure 32.: Receive HDLC Event Timing ......................................................................................................................... 24
Figure 33.: LAPD Frame Structure .................................................................................................................................. 27
Figure 34.: Block Diagram of the DS1 Transmit Overhead Input Interface of the XRT86VL3x ....................................... 33
Figure 35.: DS1 Transmit Overhead Input Interface Timing in ESF Framing Format mode ............................................35
Figure 36.: DS1 Transmit Overhead Input Timing in N or SLC®96 Framing Format Mode ............................................ 36
Figure 37.: DS1 Transmit Overhead Input Interface module in T1DM Framing Format mode ........................................ 36
Figure 38.: Block Diagram of the DS1 Receive Overhead Output Interface of XRT86VL3x ........................................... 37
Figure 39.: DS1 Receive Overhead Output Interface module in ESF framing format mode ........................................... 39
Figure 40.: DS1 Receive Overhead Output Interface Timing in N or SLC®96 Framing Format mode ........................... 40
Figure 41.: DS1 Receive Overhead Output Interface Timing in T1DM Framing Format mode ....................................... 41
Figure 42.: Block Diagram of the E1 Transmit Overhead Input Interface of XRT86VL3x ................................................ 42
Figure 43.: E1 Transmit Overhead Input Interface Timing ............................................................................................... 44
Figure 44.: Block Diagram of the E1 Receive Overhead Output Interface of XRT86VL3x .............................................. 45
Figure 45.: E1 Receive Overhead Output Interface Timing ............................................................................................. 46
Figure 46.: TAOS (Transmit All Ones) ............................................................................................................................. 47
Figure 47.: Simplified Block Diagram of the ATAOS Function ......................................................................................... 47
Figure 48.: Network Loop Up Code Generation .............................................................................................................. 48
Figure 49.: Network Loop Down Code Generation .......................................................................................................... 48
Figure 50.: Long Haul Line Build Out with -7.5dB Attenuation ........................................................................................ 49
Figure 51.: Long Haul Line Build Out with -15dB Attenuation ......................................................................................... 49
Figure 52.: Long Haul Line Build Out with -22.5dB Attenuation ...................................................................................... 50
Figure 53.: Arbitrary Pulse Segment Assignment ............................................................................................................ 51
Figure 54.: Typical Connection Diagram Using Internal Termination .............................................................................. 52
Figure 55.: Typical Connection Diagram Using Internal Termination ............................................................................. 53
Figure 56.: Simplified Block Diagram of the Equalizer and Peak Detector ...................................................................... 54
Figure 57.: Simplified Block Diagram of the Cable Loss Indicator ................................................................................... 54
Figure 58.: Test Configuration for Measuring Receive Sensitivity ................................................................................... 55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com