Electronic Components Datasheet Search
  English  ▼

X  

EV0055 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # EV0055
Description  Triple Output Step-Up Plus Linear Regulators for TFT Bias
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EV0055 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button EV0055 Datasheet HTML 2Page - Monolithic Power Systems EV0055 Datasheet HTML 3Page - Monolithic Power Systems EV0055 Datasheet HTML 4Page - Monolithic Power Systems EV0055 Datasheet HTML 5Page - Monolithic Power Systems EV0055 Datasheet HTML 6Page - Monolithic Power Systems EV0055 Datasheet HTML 7Page - Monolithic Power Systems EV0055 Datasheet HTML 8Page - Monolithic Power Systems EV0055 Datasheet HTML 9Page - Monolithic Power Systems EV0055 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
MP1530 – TRIPLE OUTPUT STEP-UP PLUS LINEAR REGULATORS FOR TFT BIAS
MP1530 Rev. 1.4
www.MonolithicPower.com
6
5/19/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
PIN FUNCTIONS
QFN
Pin #
TSSOP
Pin #
Name
Description
1
15
SW
Step-Up Converter Power Switch Node. Connect an inductor between the input source
and SW, and connect a rectifier from SW to the main output to complete the step-up
converter. SW is the drain of the internal 250mΩ N-Channel MOSFET switch.
2
16
CT
Timing Capacitor for Power Supply Soft-Start and Power-On Sequencing. A capacitor
from CT to GND controls the soft-start and sequencing turn-on delay periods. See
Power-On Sequencing and Start Up Timing Diagram
.
3
1
RDY
Regulators Not Ready. During startup RDY will be left high. Once the turn-on sequence
is complete, this pin will be pulled low if all FB voltages exceed 80% of their specified
thresholds. After all regulators are turned-on, a fault in any regulator that causes the
respective FB voltage to fall below 80% of its threshold will cause RDY to go high after
approximately 15µs. If the fault persists for more than approximately 6ms (for CCT=10nF),
the entire chip will shut down. See Fault Sensing and Timer.
4
2
FB1
Step-Up Converter Feedback Input. FB1 is the inverting input of the internal error
amplifier. Connect a resistive voltage divider from the output of the step-up converter to
FB1 to set the step-up converter output voltage.
5
3
COMP Step-Up Converter Compensation Node. COMP is the output of the error amplifier.
Connect a series RC network to compensate the regulation control loop of the step-up
converter.
6
4
IN
Internal Power Input. IN supplies the power to the MP1530. Bypass IN to PGND with a
10µF or greater capacitor.
7
5
GND
Signal Ground.
8
6
REF
Reference Output. REF is the 1.25V reference voltage output. Bypass REF to GND with
a 0.1µF or greater capacitor. Connect REF to the low-side resistor of the negative linear
regulator feedback string.
9
7
FB2
Negative Linear Regulator Feedback Input. Connect the FB2 feedback resistor string
between GL and REF to set the negative linear regulator output voltage. FB2 regulation
threshold is GND.
10
8
FB3
Positive Linear Regulator Feedback Input. Connect the FB3 feedback resistor string
between GH and GND to set the positive linear regulator output voltage. FB3 regulation
threshold is 1.25V.
11
9
EN
On/Off Control Input. Drive EN high to turn on the MP1530, drive EN low to turn it off. For
automatic startup, connect EN to IN. Once the MP1530 is turned on, it sequences the
outputs on (See Power-On Sequencing). When turned off, all outputs are immediately
disabled.
12
10
GL
Negative Linear Regulator Output. GL is the output of the negative linear regulator. GL
can supply up to 20mA to the load. Bypass GL to GND with a 1µF or greater, low-ESR,
ceramic capacitor.
13
11
IN2
Negative Linear Regulator Input. IN2 is the input of the negative linear regulator. Drive
IN2 with an inverting charge pump powered from SW. IN2 can go as low as -20V. For
QFN package IN2 connects to exposed pad.
14
12
GH
Positive Linear Regulator Output. GH is the output of the positive linear regulator. GH
can supply as much as 20mA to the load. Bypass GH to GND with a 1µF or greater, low-
ESR, ceramic capacitor.
15
13
IN3
Positive Linear Regulator Input. IN3 is the input to the positive linear regulator. Drive IN3
with a doubling, tripling, or quadrupling charge pump from SW. IN3 voltage can go as
high as 38V.
16
14
PGND Power Ground. PGND is the source of the internal 250mΩ N-Channel MOSFET switch.
Connect PGND to GND as close to the MP1530 as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com