Electronic Components Datasheet Search
  English  ▼

X  

EV0055 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # EV0055
Description  Triple Output Step-Up Plus Linear Regulators for TFT Bias
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EV0055 Datasheet(HTML) 1 Page - Monolithic Power Systems

  EV0055 Datasheet HTML 1Page - Monolithic Power Systems EV0055 Datasheet HTML 2Page - Monolithic Power Systems EV0055 Datasheet HTML 3Page - Monolithic Power Systems EV0055 Datasheet HTML 4Page - Monolithic Power Systems EV0055 Datasheet HTML 5Page - Monolithic Power Systems EV0055 Datasheet HTML 6Page - Monolithic Power Systems EV0055 Datasheet HTML 7Page - Monolithic Power Systems EV0055 Datasheet HTML 8Page - Monolithic Power Systems EV0055 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
MP1530
Triple Output Step-Up
Plus Linear Regulators for TFT Bias
MP1530 Rev. 1.4
www.MonolithicPower.com
1
5/19/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP1530 combines a triple output step-up
converter with linear regulators to provide a
complete DC/DC solution. It is designed to
power TFT LCD panels from a regulated 3.3V
or 5V supply.
This
device
integrates
a
1.4MHz
fixed-frequency step-up converter with positive
and negative linear regulators. The step-up
converter switch node drives two charge
pumps, which supply powers to their respective
linear regulators. The positive and negative
linear regulator inputs can withstand up to 38V
and down to -20V, respectively.
A single on/off control enables all 3 outputs.
The outputs are internally sequenced at startup
for ease of use. An internal soft-start prevents
input overload at startup. Cycle-by-cycle current
limiting reduces component stress.
The MP1530 is available in a tiny 3mm x 3mm,
16-pin QFN package or a 16-pin TSSOP
package.
EVALUATION BOARD REFERENCE
Board Number
Dimensions
EV0055
2.4”X x 2.3”Y x 0.4”Z
FEATURES
• 2.7 to 5.5V Operating Input Range
• 2.8A Switch Current Limit
• 3 Outputs In a Single Package
Step-Up Converter up to 22V
Positive 20mA Linear Regulator
Negative 20mA Linear Regulator
• 250mΩ Internal Power MOSFET Switch
• Up to 95% Efficiency
• 1.4MHz Fixed Frequency
• Internal Power-On Sequencing
• Adjustable Soft-Start/Fault Timer
• Cycle-by-Cycle Over Current Protection
• Under Voltage Lockout
• Ready Flag
• 16-Pin, QFN (3mm x 3mm) or TSSOP
Packages
APPLICATIONS
• TFT LCD Displays
• Portable DVD Players
• Tablet PCs
• Car Navigation Displays
“MPS” and “The Future of Analog IC Technology” are Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION
MP1530
SW
CT
IN
PGND
GND
REF
FB3
FB1
FB2
GL
IN2
GH
IN3
COMP
EN
RDY
TO
SW
VGL
VGH
VMAIN
VIN
3.3V/5V
OFF ON
100
90
80
70
60
50
40
30
20
1
10
100
1000
LOAD CURRENT (mA)
Efficiency vs
Load Current
(Step-Up Converter Only)
VMAIN = 13V
VIN = 3.3V
VIN = 5.0V


Similar Part No. - EV0055

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV0055 MPS-EV0055 Datasheet
195Kb / 5P
Triple Output Step-Up Plus Charge Pump for TFT Bias
More results

Similar Description - EV0055

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV0055 MPS-EV0055 Datasheet
195Kb / 5P
Triple Output Step-Up Plus Charge Pump for TFT Bias
EV0074 MPS-EV0074 Datasheet
245Kb / 5P
Triple Output TFT Bias Converter
EV1531DQ-002A MPS-EV1531DQ-002A Datasheet
268Kb / 5P
Low Power, Triple Output Step-Up Plus Charge Pump for TFT Bias
MP1531 MPS-MP1531 Datasheet
352Kb / 12P
Low Power, Triple Output Step-Up Plus Charge Pump for TFT Bias
logo
Texas Instruments
TPS65300-Q1 TI1-TPS65300-Q1 Datasheet
1Mb / 36P
3-MHz Step-Down Regulator and Triple Linear Regulators
logo
Linear Technology
LT1942 LINER-LT1942_15 Datasheet
263Kb / 16P
Quad DC/DC Converter for Triple Output TFT Supply Plus LED Driver
logo
Intersil Corporation
ISL6720AARZ INTERSIL-ISL6720AARZ Datasheet
221Kb / 11P
100V Triple Linear Bias Supply
August 23, 2007
logo
Monolithic Power System...
MPQ1530 MPS-MPQ1530 Datasheet
710Kb / 15P
Triple Output Step-Up Plus Linear Regulators for TFT Bias AEC-Q100 Qualified
EVQ1530 MPS-EVQ1530 Datasheet
367Kb / 7P
Triple Output TFT Bias Converter EV Board AEC-Q100 Qualified
EVQ1531-M-00A MPS-EVQ1531-M-00A Datasheet
274Kb / 7P
Low Power, Triple Output Step-Up Plus Charge Pump for TFT Bias
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com