Electronic Components Datasheet Search
  English  ▼

X  

MP1543 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP1543
Description  1.5A, 500KHz Synchronous Rectified Step-up Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1543 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP1543 Datasheet HTML 1Page - Monolithic Power Systems MP1543 Datasheet HTML 2Page - Monolithic Power Systems MP1543 Datasheet HTML 3Page - Monolithic Power Systems MP1543 Datasheet HTML 4Page - Monolithic Power Systems MP1543 Datasheet HTML 5Page - Monolithic Power Systems MP1543 Datasheet HTML 6Page - Monolithic Power Systems MP1543 Datasheet HTML 7Page - Monolithic Power Systems MP1543 Datasheet HTML 8Page - Monolithic Power Systems MP1543 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MP1543 — 1.5A, 500KHZ SYNCHRONOUS RECTIFIED STEP-UP CONVERTER
MP1543 Rev. 1.0
www.MonolithicPower.com
3
1/11/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
TYPICAL PERFORMANCE CHARACTERISTICS
Circuit on front page, VIN = 2.4V, VOUT = 3.3V, TA = +25°C, unless otherwise noted.
VSW
2V/div.
VOUT AC
10mV/div.
IINDUCTOR
0.1A/div.
MP1543-TPC03
Discontinuous Mode
Operation
ILOAD = 25mA
MP1543-TPC04
Continuous Mode
Operation
ILOAD = 400mA
VOUT AC
100mV/div.
ILOAD
0.2A/div.
VOUT AC
100mV/div.
ILOAD
0.2A/div.
MP1543-TPC05
Transient Response
ILOAD = 40mA to 400mA Step
w/o Feed-Forward Capacitor
MP1543-TPC06
Transient Response
ILOAD = 40mA to 400mA Step
with 220pF Feed-Forward Capacitor
VOUT=5V
VIN=1.8V
VIN=2.4V
VIN=2.4V
VIN=3.6V
VIN=4.2V
VIN=3V
100
90
80
70
60
50
40
30
1
10
100
1000
LOAD CURRENT (mA)
MP1543-TPC02
Efficiency vs
Load Current
100
90
80
70
60
50
40
30
1
10
100
1000
LOAD CURRENT (mA)
MP1543-TPC01
Efficiency vs
Load Current
VSW
2V/div.
VOUT AC
50mV/div.
IINDUCTOR
0.2A/div.
MP1543-TPC07
MP1543-TPC08
Feedback Voltage vs
Temperature
Switching Frequency
vs Temperature
VEN
2V/div.
VSW
2V/div.
VOUT
2V/div.
1.190
1.186
1.182
1.178
1.174
1.170
-40
40
0
80
120
TEMPERATURE (
°C)
MP1543-TPC09
540
530
520
510
500
490
480
470
460
-40
40
0
80
120
TEMPERATURE (
°C)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com