Electronic Components Datasheet Search
  English  ▼

X  

MP1543 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP1543
Description  1.5A, 500KHz Synchronous Rectified Step-up Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1543 Datasheet(HTML) 6 Page - Monolithic Power Systems

  MP1543 Datasheet HTML 1Page - Monolithic Power Systems MP1543 Datasheet HTML 2Page - Monolithic Power Systems MP1543 Datasheet HTML 3Page - Monolithic Power Systems MP1543 Datasheet HTML 4Page - Monolithic Power Systems MP1543 Datasheet HTML 5Page - Monolithic Power Systems MP1543 Datasheet HTML 6Page - Monolithic Power Systems MP1543 Datasheet HTML 7Page - Monolithic Power Systems MP1543 Datasheet HTML 8Page - Monolithic Power Systems MP1543 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MP1543 — 1.5A, 500KHZ SYNCHRONOUS RECTIFIED STEP-UP CONVERTER
MP1543 Rev. 1.0
www.MonolithicPower.com
6
1/11/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
APPLICATION INFORMATION
COMPONENT SELECTION
Setting the Output Voltage
Set the output voltage by selecting the resistive
voltage divider ratio. The voltage divider drops
the output voltage to the 1.2V feedback voltage.
Use a 100kΩ resistor for R2 of the voltage
divider. Determine the high-side resistor R1 by
the equation:
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
=
2
R
V
V
V
1
R
FB
FB
OUT
Where VOUT is the output voltage, VFB is the
1.2V feedback voltage and R2=100kΩ.
Selecting the Input Capacitor
An input capacitor is required to supply the AC
ripple current to the inductor, while limiting noise
at
the
input
source.
Multi-layer
ceramic
capacitors are the best choice as they have
extremely low ESR and are available in small
footprints. Use an input capacitor value of 4.7µF
or greater. This capacitor must be placed
physically close to the device.
Selecting the Output Capacitor
A single 4.7µF to 10µF ceramic capacitor
usually provides sufficient output capacitance
for most applications. Larger values up to 22µF
may be used to obtain extremely low output
voltage ripple and improve transient response.
The impedance of the ceramic capacitor at the
switching frequency is dominated by the
capacitance, and so the output voltage ripple is
mostly independent of the ESR. The output
voltage ripple VRIPPLE is calculated as:
(
)
SW
UT
O
IN
UT
O
LOAD
RIPPLE
f
2
C
V
V
V
I
V
×
×
−
=
Where VIN is the input voltage, ILOAD is the load
current, C2 is the capacitance of the output
capacitor and fSW is the 500KHz switching
frequency.
Selecting the Inductor
The inductor is required to force the output
voltage higher while being driven by the lower
input voltage. A good rule for determining the
inductance is to allow the peak-to-peak ripple
current to be approximately 30%-50% of the
maximum input current. Make sure that the
peak inductor current is below the minimum
current limit at the duty cycle used (to prevent
loss of regulation due to the current limit
variations).
Calculate the required inductance value L using
the equations:
I
f
V
)
V
-
(V
V
L
SW
OUT
IN
OUT
IN
∆
×
×
×
=
η
×
×
=
IN
)
MAX
(
LOAD
OUT
)
MAX
(
IN
V
I
V
I
(
)
)
MAX
(
IN
I
%
50
%
30
I
−
=
∆
Where ILOAD(MAX) is the maximum load current, ∆I
is the peak-to-peak inductor ripple current and η
is efficiency. For the MP1543, typically, 4.7µH is
recommended for most applications. Choose an
inductor that does not saturate at the peak
switch current as calculated above with
additional margin to cover heavy load transients
and extreme startup conditions.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com