Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL32 Datasheet(PDF) 27 Page - Exar Corporation

Part # XRT86VL32
Description  DUAL T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL32 Datasheet(HTML) 27 Page - Exar Corporation

Back Button XRT86VL32 Datasheet HTML 23Page - Exar Corporation XRT86VL32 Datasheet HTML 24Page - Exar Corporation XRT86VL32 Datasheet HTML 25Page - Exar Corporation XRT86VL32 Datasheet HTML 26Page - Exar Corporation XRT86VL32 Datasheet HTML 27Page - Exar Corporation XRT86VL32 Datasheet HTML 28Page - Exar Corporation XRT86VL32 Datasheet HTML 29Page - Exar Corporation XRT86VL32 Datasheet HTML 30Page - Exar Corporation XRT86VL32 Datasheet HTML 31Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 155 page
background image
XRT86VL32
22
REV. V1.2.0
DUAL T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
TABLE 9: TRANSMIT SIGNALING AND DATA LINK SELECT REGISTER (TSDLSR)
HEX ADDRESS:0Xn10A
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
7
Reserved
-
-
Reserved
6
Reserved
-
-
Reserved
5-4
TxDLBW[1:0]
R/W
00
Transmit Data Link Bandwidth[1:0]
These two bits are used to select the bandwidth for data link mes-
sage transmission. Data Link messages can be transmitted at a
4kHz rate or at a 2kHz rate on odd or even framing bits depending on
the configuration of these three bits. The table below specifies the
four different configurations.
NOTE: This bit only applies to T1 ESF framing format. For SLC96
and N framing formats, FDL is a 4kHz data link channel. For
T1DM, FDL is a 8kHz data link channel.
3-2
TxDE[1:0]
R/W
00
Transmit D/E TimeSlot Source Select[1:0]:
These two bits specify the source for transmit D/E time slots. The
table below shows the different sources from which D/E time slots
can be inserted.
TXDLBW[1:0]
TRANSMIT DATA LINK BANDWIDTH SELECTED
00
Data link bits are inserted in every frame. Facility
Data Link Bits (FDL) is a 4kHz data link channel.
01
Data link bits are inserted in every other frame.
Facility Data Link Bits (FDL) is a 2kHz data link
channel carried by odd framing bits (Frames
1,5,9.....)
10
Data link bits are inserted in every other frame.
Facility Data Link Bits (FDL) is a 2kHz data link
channel carried by even framing bits (Frames
3,7,11.....)
11
Reserved
TXDE[1:0]
SOURCE FOR TRANSMIT D/E TIMESLOTS
00
TxSER_n input pin - The D/E time slots are
inserted from the transmit serial data input pin
(TxSER_n) pin.
01
Transmit LAPD Controller - The D/E time slots are
inserted from LAPD Controller.
10
Reserved
11
TxFRTD_n - The D/E time slots are inserted from
the transmit fractional input pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com