Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL32 Datasheet(PDF) 52 Page - Exar Corporation

Part # XRT86VL32
Description  DUAL T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL32 Datasheet(HTML) 52 Page - Exar Corporation

Back Button XRT86VL32 Datasheet HTML 48Page - Exar Corporation XRT86VL32 Datasheet HTML 49Page - Exar Corporation XRT86VL32 Datasheet HTML 50Page - Exar Corporation XRT86VL32 Datasheet HTML 51Page - Exar Corporation XRT86VL32 Datasheet HTML 52Page - Exar Corporation XRT86VL32 Datasheet HTML 53Page - Exar Corporation XRT86VL32 Datasheet HTML 54Page - Exar Corporation XRT86VL32 Datasheet HTML 55Page - Exar Corporation XRT86VL32 Datasheet HTML 56Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 155 page
background image
XRT86VL32
47
DUAL T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
REV. V1.2.0
TABLE 32: RECEIVE INTERFACE CONTROL REGISTER (RICR)
HEX ADDRESS: 0XN122
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
7
RxSyncFrD
R/W
0
Receive Synchronous fraction data interface
This bit selects whether RxCHCLK or RxSERCLK will be used for fractional
data output if receive fractional interface is enabled. If RxSERCLK is selected
to clock out fractional data, RxCHCLK will be used as an enable signal
0 = Fractional data Is clocked out of the chip using RxChCLK if the receive
fractional interface is enabled.
1 = Fractional data is clocked out of the chip using RxSerClk if the receive
fractional interface is enabled. RxChClk is used as fractional data enable.
NOTE: The Time Slot Identifier Pins (RxChn[4:0]) still indicates the time slot
number if the receive fractional data interface is not enabled.
Fractional Interface can be enabled by setting RxFr1544 to 1
6
Reserved
-
-
Reserved
5
RxPLClkEnb/
RxSync is low
R/W
0
Receive payload clock enable/RxSYNC is Active Low
This exact function of this bit depends on whether the T1 framer is configured
to operate in base rate or high speed modes of operation.
If the T1 framer is configured to operate in base rate - TxPayload Clock:
This bit configures the T1 framer to either output a regular clock or a payload
clock on the receive serial clock (RxSERCLK) pin when RxSERCLK is config-
ured to be an output.
0 = Configures the framer to output a 1.544MHz clock on the RxSERCLK pin
when RxSERCLK is configured as an output.
1 = Configures the framer to output a 1.544MHz clock on the RxSERCLK pin
when receiving payload bits. There will be gaps on the RxSERCLK output pin
when receiving overhead bits.
If the T1 framer is configured to operate in high-speed or multiplexed
modes - RxSYNC is Active Low:
This bit is used to select whether the receive frame boundary (RxSYNC) is
active low or active high.
0 = Selects RxSync to be active “High”
1 = Selects RxSync to be active “Low”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com