Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL34IB Datasheet(PDF) 19 Page - Exar Corporation

Part # XRT86VL34IB
Description  QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL34IB Datasheet(HTML) 19 Page - Exar Corporation

Back Button XRT86VL34IB Datasheet HTML 15Page - Exar Corporation XRT86VL34IB Datasheet HTML 16Page - Exar Corporation XRT86VL34IB Datasheet HTML 17Page - Exar Corporation XRT86VL34IB Datasheet HTML 18Page - Exar Corporation XRT86VL34IB Datasheet HTML 19Page - Exar Corporation XRT86VL34IB Datasheet HTML 20Page - Exar Corporation XRT86VL34IB Datasheet HTML 21Page - Exar Corporation XRT86VL34IB Datasheet HTML 22Page - Exar Corporation XRT86VL34IB Datasheet HTML 23Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 156 page
background image
XRT86VL34
14
REV. V1.2.0
QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
TABLE 4: FRAMING SELECT REGISTER (FSR)
HEX ADDRESS: 0Xn107
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
7
Signaling update on
Superframe Boundaries
R/W
0
Enable Robbed-Bit Signaling Update on Superframe Boundary
on Both Transmit and Receive Direction
This bit enables or disables robbed-bit signaling update on the
superframe boundary for both the transmit and receive side of the
framer.
On the Receive Side:
If signaling update is enabled, signaling data on the receive side
(RxSIG pin and Signaling Array Register - RSAR) will be updated on
the superframe boundary, otherwise, signaling data will be updated
as soon as it is received.
On the Transmit Side:
If signaling update is enabled, any signaling data changes on the
transmit side will be transmitted on the superframe boundary, other-
wise, signaling data will be transmitted as soon as it is changed.
0 - Disables the signaling update feature for both transmit and
receive.
1 - Enables the signaling update feature for both transmit and
receive.
6
Force CRC Errors
R/W
0
Force CRC Errors (To the Line Side)
This bit permits the user to force the Transmit T1 Framer block to
transmit CRC errors within the outbound T1 data-stream, as depicted
below.
0 - Disables CRC error transmission on the outbound T1 stream.
1 - Enables CRC error transmission on the outbound T1 stream.
5
J1_MODE
R/W
0
J1 Mode
This bit is used to configure the device in J1 mode. Once the device
is configured in J1 mode, the following two changes will happen:
1. CRC calculation is done in J1 format. The J1 CRC6 calcula-
tion is based on the actual values of all 4632 bits in a T1 multi-
frame including Fe bits instead of assuming all Fe bits to be a
one in T1 format.
2. Receive and Transmit Yellow Alarm signal format is inter-
preted per the J1 standard. (J1-SF or J1-ESF)
0 - Configures the device in T1 mode. (Default)
1 - Configures the device in J1 mode.
NOTE: Users can select between J1-SF or J1-ESF by setting this bit
and the T1 Framing Mode Select Bits[2:0] (Bits 2-0 within
this register).
4
ONEONLY
R/W
0
Allow Only One Sync Candidate
This bit is used to specify one of the synchronization criteria that the
Receive T1 Framer block employs.
0 - Allows the Receive T1 Framer to select any one of the winners in
the matching process when there are two or more valid synchroniza-
tion patterns appear in the required time frame.
1 - Allows the Receive T1 Framer to declare success of match when
there is only one candidate left in the required time frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com