Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL34IB Datasheet(PDF) 49 Page - Exar Corporation

Part # XRT86VL34IB
Description  QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL34IB Datasheet(HTML) 49 Page - Exar Corporation

Back Button XRT86VL34IB Datasheet HTML 45Page - Exar Corporation XRT86VL34IB Datasheet HTML 46Page - Exar Corporation XRT86VL34IB Datasheet HTML 47Page - Exar Corporation XRT86VL34IB Datasheet HTML 48Page - Exar Corporation XRT86VL34IB Datasheet HTML 49Page - Exar Corporation XRT86VL34IB Datasheet HTML 50Page - Exar Corporation XRT86VL34IB Datasheet HTML 51Page - Exar Corporation XRT86VL34IB Datasheet HTML 52Page - Exar Corporation XRT86VL34IB Datasheet HTML 53Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 156 page
background image
XRT86VL34
44
REV. V1.2.0
QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
1-0
TxIMODE[1:0]
R/W
00
Transmit Interface Mode selection
This bit determines the transmit interface speed. The exact function of these
two bits depends on whether Multiplexed mode is enabled or disabled.
Table 29 and Table 30 shows the functions of these two bits for non-multi-
plexed and multiplexed modes.:
TABLE 28: TRANSMIT INTERFACE CONTROL REGISTER (TICR)
HEX ADDRESS:0Xn120
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
TABLE 29: TRANSMIT INTERFACE SPEED WHEN MULTIPLEXED MODE IS
DISABLED (TXMUXEN = 0)
TXIMODE[1:0]
TRANSMIT INTERFACE SPEED
00
1.544Mbit/s Base Rate Mode:
Transmit Backplane interface signals include:
TxSERCLK is an input or output clock at 1.544MHz
TxMSYNC is the superframe boundary at 3ms (ESF) or
1.5ms (SF)
TxSYNC is the single frame boundary at 125 us
TxSER is the base-rate data input
01
2.048Mbit/s (High-Speed MVIP Mode):
Transmit backplane interface signals include:
TxSERCLK is an input clock at 1.544MHz
TxMSYNC is the high speed input clock at 2.048MHz to
input high-speed data
TxSYNC can be configured as a single frame or super-
frame boundary, depending on the setting of bit 5 of reg-
ister 0xn109
TxSER is the high-speed data input
10
4.096Mbit/s High-Speed Mode:
Transmit Backplane interface signals include:
TxSERCLK is an input clock at 1.544MHz
TxMSYNC will become the high speed input clock at
4.096MHz to input high-speed data
TxSYNC can be configured as a single frame or super-
frame boundary, depending on the setting of bit 5 of reg-
ister 0xn109
TxSER is the high-speed data input
11
8.192Mbit/s High-Speed Mode:
Transmit Backplane interface signals include:
TxSERCLK is an input clock at 1.544MHz
TxMSYNC will become the high speed input clock at
8.192MHz to input high-speed data
TxSYNC can be configured as a single frame or super-
frame boundary, depending on the setting of bit 5 of reg-
ister 0xn109
TxSER is the high-speed data input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com