Electronic Components Datasheet Search
  English  ▼

X  

SR23 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # SR23
Description  2A, 32V, 330KHz Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

SR23 Datasheet(HTML) 5 Page - Monolithic Power Systems

  SR23 Datasheet HTML 1Page - Monolithic Power Systems SR23 Datasheet HTML 2Page - Monolithic Power Systems SR23 Datasheet HTML 3Page - Monolithic Power Systems SR23 Datasheet HTML 4Page - Monolithic Power Systems SR23 Datasheet HTML 5Page - Monolithic Power Systems SR23 Datasheet HTML 6Page - Monolithic Power Systems SR23 Datasheet HTML 7Page - Monolithic Power Systems SR23 Datasheet HTML 8Page - Monolithic Power Systems SR23 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MP1591 – 2A, 32V, 330KHz STEP-DOWN CONVERTER
MP1591 Rev. 2.3
www.MonolithicPower.com
5
9/27/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
APPLICATION INFORMATION
COMPONENT SELECTION
Setting the Output Voltage
The output voltage is set using a resistive
voltage divider from the output voltage to FB.
The voltage divider divides the output voltage
down by the ratio:
)
2
R
1
R
(
2
R
V
V
OUT
FB
+
×
=
Where VFB is the feedback voltage and VOUT is
the output voltage.
Thus the output voltage is:
2
R
)
2
R
1
R
(
230
.
1
VOUT
+
×
=
A typical value for R2 can be as high as 100kΩ,
but 10kΩ is recommended. Using that value, R1
is determined by:
)
230
.
1
V
(
18
.
8
1
R
OUT −
×
≅
For example, for a 3.3V output voltage, R2 is
10kΩ, and R1 is 17kΩ.
Inductor (L1)
The inductor is required to supply constant
current to the output load while being driven by
the switched input voltage. A larger value
inductor results in less ripple current that results
in lower output ripple voltage. However, the
larger value inductor has a larger physical size,
higher
series
resistance,
and/or
lower
saturation current. Choose an inductor that
does not saturate under the worst-case load
conditions. A good rule to use for determining
the inductance is to allow the peak-to-peak
ripple
current
in
the
inductor
to
be
approximately 30% of the maximum load
current that the IC can provide. Also, make sure
that the peak inductor current (the load current
plus half the peak-to-peak inductor ripple
current) is below the 2.3A minimum current
limit.
The inductance value can be calculated by the
equation:
)
I
f
V
(
)
V
V
(
V
1
L
IN
OUT
IN
OUT
∆
×
×
−
×
=
Where VIN is the input voltage, f is the switching
frequency and ∆I is the peak-to-peak inductor
ripple current.
Table 1 lists a number of suitable inductors
from various manufacturers.
Table 1—Inductor Selection Guide
Package
Dimensions
(mm)
Vendor/
Model
Core
Type
Core
Material
W
L
H
Sumida
CR75
Open
Ferrite
7.0
7.8
5.5
CDH74
Open
Ferrite
7.3
8.0
5.2
CDRH5D28 Shielded
Ferrite
5.5
5.7
5.5
CDRH5D28 Shielded
Ferrite
5.5
5.7
5.5
CDRH6D28 Shielded
Ferrite
6.7
6.7
3.0
CDRH104R Shielded
Ferrite
10.1 10.0 3.0
Toko
D53LC
Type A
Shielded
Ferrite
5.0
5.0
3.0
D75C
Shielded
Ferrite
7.6
7.6
5.1
D104C
Shielded
Ferrite
10.0 10.0 4.3
D10FL
Open
Ferrite
9.7
1.5
4.0
Coilcraft
DO3308
Open
Ferrite
9.4 13.0 3.0
DO3316
Open
Ferrite
9.4 13.0 5.1
Input Capacitor (C1)
The input current to the step-down converter is
discontinuous, and so a capacitor is required to
supply the AC current to the step-down
converter while maintaining the DC input
voltage. A low ESR capacitor is required to
keep the noise at the IC to a minimum. Ceramic
capacitors are preferred, but tantalum or low
ESR electrolytic capacitors may also suffice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com