Electronic Components Datasheet Search
  English  ▼

X  

SR23 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # SR23
Description  2A, 32V, 330KHz Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

SR23 Datasheet(HTML) 1 Page - Monolithic Power Systems

  SR23 Datasheet HTML 1Page - Monolithic Power Systems SR23 Datasheet HTML 2Page - Monolithic Power Systems SR23 Datasheet HTML 3Page - Monolithic Power Systems SR23 Datasheet HTML 4Page - Monolithic Power Systems SR23 Datasheet HTML 5Page - Monolithic Power Systems SR23 Datasheet HTML 6Page - Monolithic Power Systems SR23 Datasheet HTML 7Page - Monolithic Power Systems SR23 Datasheet HTML 8Page - Monolithic Power Systems SR23 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MP1591
2A, 32V, 330KHz
Step-Down Converter
MP1591 Rev. 2.3
www.MonolithicPower.com
1
9/27/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP1591 is a high voltage step-down
converter ideal for automotive power adapter
battery chargers. Its wide 6.5V to 32V input
voltage range covers the automotive battery’s
requirements and it achieves 2A continuous
output for quick charge capability.
Current mode operation provides fast transient
response and eases loop stabilization. Fault
protection
includes
cycle-by-cycle
current
limiting and thermal shutdown. In shutdown
mode, the converter draws only 20µA of supply
current.
The MP1591 requires a minimum number of
readily
available
external
components
to
complete a 2A step-down DC to DC converter
solution.
EVALUATION BOARD REFERENCE
Board Number
Dimensions
EV0020
2.1”X x 1.4”Y x 0.5”Z
FEATURES
• Wide 6.5V to 32V Input Operating Range
• 34V Absolute Maximum Input
• 2A Output Current
• 120mΩ Internal Power MOSFET Switch
• Stable with Low ESR Output Ceramic
Capacitors
• Up to 95% Efficiency
• 20µA Shutdown Mode
• Fixed 330KHz Frequency
• Thermal Shutdown
• Cycle-by-Cycle Over Current Protection
• Output Adjustable From 1.23V to 21V
• Under Voltage Lockout
• Reference Voltage Output
• Available in 8-Pin SOIC Packages
APPLICATIONS
• Automotive Power Adapters
• PDA and Cellular Phone Battery Chargers
• Distributed Power Systems
• Automotive Aftermarket Electronics
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
INPUT
6.5V to 32V
OPEN
NOT USED
OUTPUT
2.5V
2A
C4
4.7nF
D1
C2
10nF
MP1591
BS
IN
FB
SW
REF
GND
COMP
EN
1
3
5
6
4
8
7
2
C3
OPEN
OFF ON
100
90
80
70
60
50
40
30
20
0
0.5
1
1.5
2
LOAD CURRENT (A)
Efficiency vs
Load Current
VOUT=5V
VOUT=3.3V
VIN=12V


Similar Part No. - SR23

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SR23 MOSPEC-SR23 Datasheet
224Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(2.0A,20-60V)
logo
Pan Jit International I...
SR23 PANJIT-SR23 Datasheet
58Kb / 2P
MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 90 Volts CURRENT - 2.0 Amperes)
logo
Monolithic Power System...
SR23 MPS-SR23 Datasheet
253Kb / 10P
2A, 380 KHz Step-Down Converter
logo
Won-Top Electronics
SR23 WTE-SR23 Datasheet
46Kb / 4P
2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Pan Jit International I...
SR23 PANJIT-SR23 Datasheet
39Kb / 2P
MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SR23

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP1591 ETC2-MP1591 Datasheet
229Kb / 10P
2A, 32V, 330KHz Step-Down Converter
logo
Monolithic Power System...
EV0020 MPS-EV0020 Datasheet
203Kb / 4P
2A, 32V, 330KHz Step-Down Converter
MP1591 MPS-MP1591 Datasheet
229Kb / 10P
2A, 32V, 330KHz Step-Down Converter
logo
Advanced Analogic Techn...
AAT1153 ANALOGICTECH-AAT1153 Datasheet
692Kb / 20P
2A Step-Down Converter
AAT1153 ANALOGICTECH-AAT1153_08 Datasheet
685Kb / 19P
2A Step-Down Converter
logo
Microsemi Corporation
LX3005 MICROSEMI-LX3005 Datasheet
104Kb / 3P
2A STEP-DOWN CONVERTER
logo
Skyworks Solutions Inc.
AAT1153 SKYWORKS-AAT1153 Datasheet
1Mb / 19P
2A Step-Down Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1519 TECHCODE-TD1519 Datasheet
939Kb / 14P
2A 32V Synchronous Rectified Step-Down Converter
TD1519A TECHCODE-TD1519A Datasheet
946Kb / 14P
2A 32V Synchronous Rectified Step-Down Converter
logo
Monolithic Power System...
MP2374 MPS-MP2374 Datasheet
312Kb / 11P
6.5V-32V Input, 1A, 330kHz Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com