Electronic Components Datasheet Search
  English  ▼

X  

MP2105 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP2105
Description  1MHz, 800mA Synchronous Step-Down Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2105 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP2105 Datasheet HTML 1Page - Monolithic Power Systems MP2105 Datasheet HTML 2Page - Monolithic Power Systems MP2105 Datasheet HTML 3Page - Monolithic Power Systems MP2105 Datasheet HTML 4Page - Monolithic Power Systems MP2105 Datasheet HTML 5Page - Monolithic Power Systems MP2105 Datasheet HTML 6Page - Monolithic Power Systems MP2105 Datasheet HTML 7Page - Monolithic Power Systems MP2105 Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MP2105 – 1MHz 800mA SYNCHRONOUS STEP-DOWN CONVERTER
MP2105 Rev. 1.3
www.MonolithicPower.com
5
5/11/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
OPERATION
The MP2105 is a constant frequency current
mode PWM step-down converter. The MP2105
is optimized for low voltage, Li-Ion battery
powered applications where high efficiency and
small size are critical. The MP2105 uses an
external resistor divider to set the output
voltage from 0.6V to 6V. The device integrates
both a main switch and a synchronous rectifier,
which provides high efficiency and eliminates
an external Schottky diode. The MP2105 can
achieve 100% duty cycle. The duty cycle D of a
step-down converter is defined as:
%
100
V
V
%
100
f
T
D
IN
OUT
OSC
ON
×
≈
×
×
=
where TON is the main switch on time, and fOSC
is the oscillator frequency (1MHz).
IN
EN
FB
GND
SW
+
+
--
PWMCMP
PWM
OSC
+
--
EAMP
ICS
SLOPE COMP
FEEDBACK
ERROR\
AMP
0.6V
EAO
CC
17pF
BIAS
&
VOLTAGE
REFERENCE
PWM
CONTROL
LOGIC
1.0MHz
OSCILLATOR
IAMP
10X
CURRENT
SENSE
AMP
DH
DL
+
--
MAIN
SWITCH
(PCH)
SYNCHRONOUS
RECTIFIER
(NCH)
MP2105_BD01
Figure 1—Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com