Electronic Components Datasheet Search
  English  ▼

X  

MP2105 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP2105
Description  1MHz, 800mA Synchronous Step-Down Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2105 Datasheet(HTML) 7 Page - Monolithic Power Systems

  MP2105 Datasheet HTML 1Page - Monolithic Power Systems MP2105 Datasheet HTML 2Page - Monolithic Power Systems MP2105 Datasheet HTML 3Page - Monolithic Power Systems MP2105 Datasheet HTML 4Page - Monolithic Power Systems MP2105 Datasheet HTML 5Page - Monolithic Power Systems MP2105 Datasheet HTML 6Page - Monolithic Power Systems MP2105 Datasheet HTML 7Page - Monolithic Power Systems MP2105 Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MP2105 – 1MHz 800mA SYNCHRONOUS STEP-DOWN CONVERTER
MP2105 Rev. 1.3
www.MonolithicPower.com
7
5/11/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
Table 2—Suggested Surface Mount Inductors
Manufacturer
Part Number
Inductance (µH)
Max DCR (Ω)
Saturation
Current (A)
Dimensions
L x W x H (mm
3)
Coilcraft
D01605T-472
4.7
0.150
1.20
5.4 x 4.2 x 1.8
Toko
D52LC
4.7
0.087
1.14
5 x 5 x 2
Sumida
CR43-4R7
4.7
0.109
1.15
4.3 x 4.8 x 3.5
Table 3—Inductors for Improved Efficiency at 25mA, 50mA, under 100mA Load.
Manufacturer
Part Number
Inductance (µH)
Max DCR (Ω)
Saturation
Current (A)
IRMS (A)
Coilcraft
DO1605T-103MX
10
0.3
1.0
0.9
Murata
LQH4C100K04
10
0.2
1.2
0.8
Sumida
CR32-100
10
0.2
1.0
0.7
Sumida
CR54-100
10
0.1
1.2
1.4
Input Capacitor Selection
The input capacitor reduces the surge current
drawn from the input and switching noise from
the device. The input capacitor impedance at
the switching frequency shall be less than input
source impedance to prevent high frequency
switching current passing to the input. Ceramic
capacitors with X5R or X7R dielectrics are
highly recommended because of their low ESR
and small temperature coefficients. For most
applications, a 4.7µF capacitor is sufficient.
Output Capacitor Selection
The output capacitor keeps output voltage
ripple small and ensures regulation loop stable.
The output capacitor impedance shall be low at
the switching frequency. Ceramic capacitors
with X5R or X7R dielectrics are recommended.
The output ripple ∆VOUT is approximately:
()
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
×
+
×
×
×
−
×
≤
∆
3
C
f
8
1
ESR
L
f
V
V
V
V
V
OSC
OSC
IN
OUT
IN
OUT
OUT
PC Board Layout
The high current paths (GND, IN and SW)
should be placed very close to the device with
short, direct and wide traces. Input capacitor C1
needs to be as close as possible to the IN and
GND pins. The external feedback resistors shall
be placed next to the FB pin. Keep the
switching node SW short and away from the
feedback network. Figure 2 illustrates an
example of PCB layout and signal routing.
Figure 2—MP2105 Suggested Layout



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com