Electronic Components Datasheet Search
  English  ▼

X  

SA701 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SA701
Description  Divide by: 128/129-64/65 dual modulus low power ECL prescaler
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA701 Datasheet(HTML) 5 Page - NXP Semiconductors

  SA701 Datasheet HTML 1Page - NXP Semiconductors SA701 Datasheet HTML 2Page - NXP Semiconductors SA701 Datasheet HTML 3Page - NXP Semiconductors SA701 Datasheet HTML 4Page - NXP Semiconductors SA701 Datasheet HTML 5Page - NXP Semiconductors SA701 Datasheet HTML 6Page - NXP Semiconductors SA701 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Philips Semiconductors RF Communications Products
Product specification
SA701
Divide by: 128/129-64/65 dual modulus low power
ECL prescaler
June 17, 1993
6
IN
VCC
SW
OUT
GND
MC
NC
IN
50
Ω
50
Ω
IN
IN
C1
1000pF
C2
1000pF
50
Ω
R1
50
Ω
R2
MC
VCC
SW
2.2k
Ω
R3
C4
5pF
OUT
C3
0.1
µF
Figure 1. SA701 Test Circuit
Figure 2. Minimum Input Power vs Frequency and Temperature
0
–5
–10
–15
–20
–25
–30
–35
–40
200
400
600
800
1000
1200
25
°C
FREQUENCY (MHz)
–40
°C
85
°C
VCC = 3.0V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com