Electronic Components Datasheet Search
  English  ▼

X  

SA701 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # SA701
Description  Divide by: 128/129-64/65 dual modulus low power ECL prescaler
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA701 Datasheet(HTML) 1 Page - NXP Semiconductors

  SA701 Datasheet HTML 1Page - NXP Semiconductors SA701 Datasheet HTML 2Page - NXP Semiconductors SA701 Datasheet HTML 3Page - NXP Semiconductors SA701 Datasheet HTML 4Page - NXP Semiconductors SA701 Datasheet HTML 5Page - NXP Semiconductors SA701 Datasheet HTML 6Page - NXP Semiconductors SA701 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Philips Semiconductors RF Communications Products
Product specification
SA701
Divide by: 128/129-64/65 dual modulus low power
ECL prescaler
2
June 17, 1993
853-1708 10044
DESCRIPTION
The SA701 is an advanced dual modulus
(Divide By 128/129 or 64/65) low power ECL
prescaler. The minimum supply voltage is
2.7V and is compatible with the CMOS
UMA1005 synthesizer from Philips and other
logic circuits. The low supply current allows
application in battery operated low-power
equipment. Maximum input signal frequency
is 1.1GHz for cellular and other land mobile
applications. There is no lower frequency
limit due to a fully static design. The circuit is
implemented in ECL technology on the
QUBiC process. The circuit will be available
in an 8-pin SO package with 150 mil package
width and in 8-pin dual in-line plastic
package, and is pin compatible with Fujitsu
MB501, Plessey SP8704 and Motorola
MC12022.
FEATURES
• Low voltage operation
• Low current consumption
• Operation up to 1.1GHz
• ESD hardened
APPLICATIONS
• Cellular phones
• Cordless phones
• RF LANs
• Test and measurement
• Military radio
• VHF/UHF mobile radio
• VHF/UHF hand-held radio
PIN CONFIGURATION
IN
VC
C
SW
OUT
IN
MC
1
2
3
4
5
6
7
8
nc
GND
N, D Package
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
DWG #
8-Pin Plastic Dual In-Line Package (DIP)
-40 to +85
°C
SA701N
0404B
8-Pin Plastic Small Outline (SO) package (Surface-mount)
-40 to +85
°C
SA701D
0174C
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
RATING
UNITS
VCC
Supply voltage
-0.3 to +7.0
V
VIN
Voltage applied to any other pin
-0.3 to (VCC + 0.3)
V
IO
Output current
10
mA
TSTG
Storage temperature range
-65 to +125
°C
TA
Operating ambient temperature range
-55 to +125
°C
θJA
Thermal impedance
D package
N package
158
108
°C/W


Similar Part No. - SA701

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
SA701 POLYFET-SA701 Datasheet
37Kb / 2P
SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
logo
NXP Semiconductors
SA7016 PHILIPS-SA7016 Datasheet
232Kb / 18P
1.3GHz low voltage fractional-N synthesizer
1999 Nov 04
SA7016DH PHILIPS-SA7016DH Datasheet
232Kb / 18P
1.3GHz low voltage fractional-N synthesizer
1999 Nov 04
logo
Polyfet RF Devices
SA701 POLYFET-SA701_14 Datasheet
60Kb / 2P
RF POWER VDMOS TRANSISTOR
More results

Similar Description - SA701

ManufacturerPart #DatasheetDescription
logo
NEC
UPB1502GR NEC-UPB1502GR Datasheet
165Kb / 4P
1.7 GHz/ 2.0 GHz LOW-POWER TWO-MODULUS PRESCALER DIVIDED-BY-64/65, 128/129
logo
NXP Semiconductors
SA702 PHILIPS-SA702 Datasheet
80Kb / 7P
Divide by: 64/65/72 triple modulus low power ECL prescaler
June 17, 1993
SAB6456 PHILIPS-SAB6456 Datasheet
77Kb / 10P
Sensitive 1 GHz divide-by-64/divide-by-256 switchable prescaler
June 1986
logo
NEC
UPB1502GR NEC-UPB1502GR Datasheet
75Kb / 4P
DIVIDE- BY- 64/65/128/129 PRESCALER
logo
California Eastern Labs
UPB1507GV CEL-UPB1507GV Datasheet
140Kb / 11P
NEC 3.0 GHz DIVIDE BY 64/128/256 PRESCALER
logo
Motorola, Inc
MC12022LVA MOTOROLA-MC12022LVA Datasheet
90Kb / 7P
MECL PLL COMPONENTS 첨64/65, 첨128/129 DUAL MODULUS PRESCALER
MC12022TSA MOTOROLA-MC12022TSA Datasheet
90Kb / 4P
첨64/65, 첨128/129 DUAL MODULUS PRESCALER
MC12028A MOTOROLA-MC12028A Datasheet
97Kb / 5P
MECL PLL COMPONENTS 첨64/65, 첨128/129 DUAL MODULUS PRESCALER
MC12036A MOTOROLA-MC12036A Datasheet
100Kb / 4P
MECL PLL COMPONENTS 첨64/65, 첨128/129 DUAL MODULUS PRESCALER WITH STAND?밄Y MODE
MC12054A MOTOROLA-MC12054A Datasheet
82Kb / 4P
MECL PLL COMPONENTS 첨64/65, 첨128/129 LOW POWER DUAL MODULUS PRESCALER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com