Electronic Components Datasheet Search
  English  ▼

X  

MP2108DK Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2108DK
Description  2A, 6V, 740KHz Synchronous Buck Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2108DK Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2108DK Datasheet HTML 1Page - Monolithic Power Systems MP2108DK Datasheet HTML 2Page - Monolithic Power Systems MP2108DK Datasheet HTML 3Page - Monolithic Power Systems MP2108DK Datasheet HTML 4Page - Monolithic Power Systems MP2108DK Datasheet HTML 5Page - Monolithic Power Systems MP2108DK Datasheet HTML 6Page - Monolithic Power Systems MP2108DK Datasheet HTML 7Page - Monolithic Power Systems MP2108DK Datasheet HTML 8Page - Monolithic Power Systems MP2108DK Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MP2108 – 2A, 6V, 740KHz SYNCHRONOUS BUCK CONVERTER
MP2108 Rev 1.1
www.MonolithicPower.com
4
10/2/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
Circuit of Figure 2, VIN = 5V, VOUT = 2.5V, L1 = 5µH, C1 = 10µF, C2 = 22µF, TA = +25°C, unless
otherwise noted.
100
90
80
70
60
50
40
30
20
10
0
0.01
0.1
1
10
LOAD CURRENT (A)
Efficiency vs
Load Current
VOUT=3.3V
VOUT=1.2V
VOUT=2.5V
VIN=5V
0.904
0.902
0.900
0.898
0.896
0.894
0.892
0.890
0.888
0.886
0.884
-50 -25
0 25 50
100
75
150
125
DIE TEMPERATURE (OC)
Feedback Voltage vs
Die Temperature
830
810
790
770
750
730
710
690
670
650
630
DIE TEMPERATURE (OC)
Switching Frequency vs
Die Temperature
-50 -25
0
25
50
100
75
125
5.0
4.5
4.0
3.5
3.0
2.5
2.0
020
60
40
80
100
DUTY CYCLE (%)
Peak Current vs
Duty Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com