Electronic Components Datasheet Search
  English  ▼

X  

MP2108DK Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP2108DK
Description  2A, 6V, 740KHz Synchronous Buck Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2108DK Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP2108DK Datasheet HTML 4Page - Monolithic Power Systems MP2108DK Datasheet HTML 5Page - Monolithic Power Systems MP2108DK Datasheet HTML 6Page - Monolithic Power Systems MP2108DK Datasheet HTML 7Page - Monolithic Power Systems MP2108DK Datasheet HTML 8Page - Monolithic Power Systems MP2108DK Datasheet HTML 9Page - Monolithic Power Systems MP2108DK Datasheet HTML 10Page - Monolithic Power Systems MP2108DK Datasheet HTML 11Page - Monolithic Power Systems MP2108DK Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MP2108 – 2A, 6V, 740KHz SYNCHRONOUS BUCK CONVERTER
MP2108 Rev 1.1
www.MonolithicPower.com
10
10/2/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
Choose the compensation resistor to set the
desired crossover frequency. Determine the
value by the following equation:
FB
OUT
CS
EA
C
V
V
G
G
f
2
C
2
3
R
×
×
×
×
π
=
Where GEA is the EA transconductance
(450µA/V) and fC is the desired crossover
frequency (preferably 33KHz).
Choose the compensation capacitor to set the
zero below one fourth of the crossover
frequency. Determine the value by the following
equation:
C
f
3
R
2
3
C
×
×
π
>
Determine
if
the
second
compensation
capacitor, C4 is required. It is required if the
ESR zero of the output capacitor happens at
less than half of the switching frequency or:
1
f
R
2
C
SW
ESR
>
×
×
×
π
where RESR is the equivalent series resistance
of the output capacitor.
The
second
compensation
capcacitor
is
determined by the equation:
3
R
R
2
C
4
C
(max)
ESR
×
=
Where RESR(MAX) is the maximum ESR of the
output capacitor.
External Boost Diode
It is recommended that an external boost diode
be added to help improve the regulator
efficiency. The diode can be a low cost diode
such as an IN4148 or BAT54.
MP2108
LX
BST
5V
BOOST
DIODE
10nF
1
3
Figure 3—External Boost Diode
This diode is also recommended for high duty
cycle operation (when
IN
OUT
V
V
>65%).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com