Electronic Components Datasheet Search
  English  ▼

X  

IRLR8743 Datasheet(PDF) 1 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # IRLR8743
Description  30V N-Channel Power
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

IRLR8743 Datasheet(HTML) 1 Page - EVER SEMICONDUCTOR CO.,LIMITED

  IRLR8743 Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED IRLR8743 Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED IRLR8743 Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED IRLR8743 Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED IRLR8743 Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED IRLR8743 Datasheet HTML 6Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
30V N-Channel Power
Mosfet
General Description
These N-channel enhancement mode power mosfets used
advanced trench technology design, provided excellent Rdson
and low gate charge. Which accords with the RoHS standard.
Features
VDS = 30V,ID =90A
RDS(ON),3.8 mΩ(Typ) @ VGS =10V
RDS(ON), 6.4mΩ(Typ) @ VGS =4.5V
Low on resistance
Low gate charge
Fast switching
Low reverse transfer capacitances
Application
DC-DC converters
Synchronous Rectifier
Absolute Maximum Ratings(TA=25℃ unless otherwise noted)
Parameter
Symbol
Value
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
±20
V
TC=25
Drain Current-ContinuousNote3
℃
9
ID
0
A
TC=100℃
63
A
Drain Current-PulsedNote1
IDM
200
A
Avalanche EnergyNote4
EAS
280
mJ
Avalanche Current
IAS
33
A
TC=25
Maximum Power Dissipation
℃
PD
105
W
Storage Temperature Range
TSTG
-55 to +150
℃
Operating Junction Temperature Range
TJ
-55 to +150
℃
Thermal Resistance
Parameter
Symbol
Min.
Typ.
Max
Unit
RθJ
Thermal Resistance,Junction-to-Case
C
-
3.3
-
℃
/W
IRLR8743
Rev:2023A2
1


Similar Part No. - IRLR8743

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRLR8743 KERSEMI-IRLR8743 Datasheet
1Mb / 11P
High Frequency Synchronous Buck Converters for Computer Processor Power
logo
Inchange Semiconductor ...
IRLR8743 ISC-IRLR8743 Datasheet
336Kb / 2P
N-Channel MOSFET Transistor
IRLR8743 ISC-IRLR8743 Datasheet
248Kb / 2P
Isc N-Channel MOSFET Transistor
logo
International Rectifier
IRLR8743PBF IRF-IRLR8743PBF Datasheet
369Kb / 11P
HEXFET짰Power MOSFET
IRLR8743PBF IRF-IRLR8743PBF Datasheet
374Kb / 11P
Ultra-Low Gate Impedance
More results

Similar Description - IRLR8743

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AHK6030LX ANALOGICTECH-AHK6030LX Datasheet
244Kb / 4P
30V N-Channel Power MOSFET
AAT9460 ANALOGICTECH-AAT9460 Datasheet
145Kb / 6P
30V N-Channel Power MOSFET
AAT9060 ANALOGICTECH-AAT9060 Datasheet
141Kb / 6P
30V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM15N03PQ33 TSC-TSM15N03PQ33 Datasheet
107Kb / 4P
30V N-Channel Power MOSFET
TSM040N03CP TSC-TSM040N03CP Datasheet
370Kb / 5P
30V N-Channel Power MOSFET
TSM042N03CS TSC-TSM042N03CS Datasheet
275Kb / 5P
30V N-Channel Power MOSFET
TSM60N03 TSC-TSM60N03_15 Datasheet
303Kb / 4P
30V N-Channel Power MOSFET
TSM180N03CS TSC-TSM180N03CS Datasheet
325Kb / 5P
30V N-Channel Power MOSFET
logo
Guangdong Youtai Semico...
100N03A UMW-100N03A Datasheet
910Kb / 6P
30V N-Channel Power
30N03A UMW-30N03A Datasheet
931Kb / 6P
30V N-Channel Power
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com