Electronic Components Datasheet Search
  English  ▼

X  

MP2112 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP2112
Description  1MHz, 1A Synchronous Step-Down Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2112 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP2112 Datasheet HTML 1Page - Monolithic Power Systems MP2112 Datasheet HTML 2Page - Monolithic Power Systems MP2112 Datasheet HTML 3Page - Monolithic Power Systems MP2112 Datasheet HTML 4Page - Monolithic Power Systems MP2112 Datasheet HTML 5Page - Monolithic Power Systems MP2112 Datasheet HTML 6Page - Monolithic Power Systems MP2112 Datasheet HTML 7Page - Monolithic Power Systems MP2112 Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MP2112 – 1MHz, 1A SYNCHRONOUS STEP-DOWN CONVERTER
MP2112 Rev. 1.2
www.MonolithicPower.com
3
3/6/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
PIN FUNCTIONS
Pin #
Name Description
1
FB
Feedback Input. Connect FB to the center point of the external resistor divider. The feedback
threshold voltage is 0.6V.
2
GND Ground.
3
SW
Power Switch Output. Inductor connection to drains of the internal PFET and NFET switches.
4
VINB Supply Input-Power.
5
VINA Supply Input-Analog.
6
EN
Enable Input.
TYPCIAL PERFORMANCE CHARACTERISTICS
VIN = 3.3V, VOUT = 1.8V, L1 = 4.7µH, C1 = 4.7µF, C3 = 10µF, TA = +25°C, unless otherwise noted.
0.603
0.602
0.601
0.600
0.599
0.598
0.597
-40
+20
0
-20
+40 +60 +80 +100
-40
+20
0
-20
+40 +60 +80 +100
TEMPERATURE (
°C)
MP2112-TPC03
Feedback Voltage vs
Temperature
VIN=3.3V
VIN=4.2V
100
95
90
85
80
75
70
65
60
55
50
10
100
1000
LOAD CURRENT (mA)
MP2112-EC01
95
90
85
80
75
70
65
60
55
50
10
100
1000
LOAD CURRENT (mA)
1.10
1.08
1.06
1.04
1.02
1.00
0.98
0.96
0.94
TEMPERATURE (
°C)
MP2112-TPC04
Switching Frequency vs
Temperature
MP2112-EC02
VIN=3.3V
VIN=4.2V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com