Electronic Components Datasheet Search
  English  ▼

X  

MP2112 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP2112
Description  1MHz, 1A Synchronous Step-Down Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2112 Datasheet(HTML) 8 Page - Monolithic Power Systems

  MP2112 Datasheet HTML 1Page - Monolithic Power Systems MP2112 Datasheet HTML 2Page - Monolithic Power Systems MP2112 Datasheet HTML 3Page - Monolithic Power Systems MP2112 Datasheet HTML 4Page - Monolithic Power Systems MP2112 Datasheet HTML 5Page - Monolithic Power Systems MP2112 Datasheet HTML 6Page - Monolithic Power Systems MP2112 Datasheet HTML 7Page - Monolithic Power Systems MP2112 Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
MP2112 – 1MHz, 1A SYNCHRONOUS STEP-DOWN CONVERTER
NOTICE: The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
MP2112 Rev. 1.2
www.MonolithicPower.com
8
3/6/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
PACKAGE INFORMATION
QFN6 (3mm x 3mm)
SIDE VIEW
TOP VIEW
1
6
4
3
BOTTOM VIEW
2.90
3.10
1.40
1.60
2.90
3.10
2.20
2.40
0.95
BSC
0.35
0.45
0.80
1.00
0.00
0.05
0.20 REF
PIN 1 ID
MARKING
1.50
0.95
0.40
RECOMMENDED LAND PATTERN
2.90
NOTE:
1) ALL DIMENSIONS ARE IN MILLIMETERS.
2) EXPOSED PADDLE SIZE DOES NOT INCLUDE MOLD FLASH.
3) LEAD COPLANARITY SHALL BE0.10 MILLIMETER MAX.
4) JEDEC REFERENCE IS MO-229, VARIATION VEEA-2.
5) DRAWING IS NOT TO SCALE.
PIN 1 ID
SEE DETAIL A
2.30
0.80
PIN 1 ID OPTION A
R0.20 TYP.
PIN 1 ID OPTION B
R0.20 TYP.
DETAIL A
0.35
0.55
PIN 1 ID
INDEX AREA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com