Electronic Components Datasheet Search
  English  ▼

X  

XRT94L33 Datasheet(PDF) 73 Page - Exar Corporation

Part # XRT94L33
Description  3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER - SDH REGISTERS
PDF  810 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT94L33 Datasheet(HTML) 73 Page - Exar Corporation

Back Button XRT94L33 Datasheet HTML 69Page - Exar Corporation XRT94L33 Datasheet HTML 70Page - Exar Corporation XRT94L33 Datasheet HTML 71Page - Exar Corporation XRT94L33 Datasheet HTML 72Page - Exar Corporation XRT94L33 Datasheet HTML 73Page - Exar Corporation XRT94L33 Datasheet HTML 74Page - Exar Corporation XRT94L33 Datasheet HTML 75Page - Exar Corporation XRT94L33 Datasheet HTML 76Page - Exar Corporation XRT94L33 Datasheet HTML 77Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 810 page
background image
XRT94L33
Rev 2
22 ...0
00 ...0
00
3
33 ---C
C
C H
H
H A
A
A N
N
N N
N
N E
E
E L
L
L D
D
D S
S
S 3
33 ///E
E
E 3
33 ///S
S
S T
T
T S
S
S -
-- 1
11 T
T
T O
O
O S
S
S T
T
T S
S
S -
-- 3
33 ///S
S
S T
T
T M
M
M -
-- 1
11 M
M
M A
A
A P
P
P P
P
P E
E
E R
R
R –
–– S
S
S D
D
D H
H
H R
R
R E
E
E G
G
G IIIS
S
S T
T
T E
E
E R
R
R S
S
S
73
“STS1TXA_C1J1_0” and STS1RXD_C1J1_0” signals, as described below.
0 – C1 and J1 Bytes
This selection configures the following.
a.
The
STM-0
Receive
Telecom
Bus
to
pulse
the
“STS1RXD_C1J1_0” output coincident to whenever the C1 and J1
bytes are being output via the “STS1RXD_D_0[7:0]” output pins.
b.
The
STM-0
Transmit
Telecom
Bus
will
expect
the
“STS1TXA_C1J1_0” input to pulse “high” coincident to whenever
the
C1
and
J1
bytes
are
being
sampled
via
the
“STS1TXA_D_0[7:0]” input pins.
1 – J1 Bytes Only
This selection configures the following.
k.
The STM-0 Receive Telecom Bus Interface to only pulse the
“STS1RXD_C1J1_0” output pin coincident to whenever the J1 byte
is being output via the “STS1RXD_D_0[7:0]” output pins.
Note:
The “STS1RXD_C1J1_0” output pin will NOT be pulsed “high”
whenever
the
C1
byte
is
being
output
via
the
“STS1RXD_D_0[7:0]” output pins
l.
The STM-0 Transmit Telecom Bus Interface will expect the
“STS1TXA_C1J1_0” input to only pulse “high” coincident to
whenever
the
J1
byte
is
being
sampled
via
the
“STS1TXA_D_0[7:0]” input pins.
Note:
The “STS1TXA_C1J1_0” input pin will NOT be pulsed “high”
whenever the C1 byte is being input via the “STS1TXA_D_0[7:0]”
input pins
Bit 2
STM-0
Telecom Bus
Parity Odd
R/W
Telecom Bus Parity – ODD Parity Select – Channel 0:
This READ/WRITE bit-field permits the user to configure the
STM-0
Telecom Bus Interface, associated with Channel 0 to do the following.
In the Receive (Drop) Direction
Receive STM-0 Telecom Bus to compute either the EVEN or ODD parity
over the contents of the (1) STS1RxD_D_0[7:0] output pins, or (2)
STS1RxD_D_0[7:0] output pins, the states of the STS1RxD_PL_0 and
“STS1RxD_C1J1_0 output pins (depending upon user setting for Bit 3).
In the Transmit (Add) Direction
Transmit STM-0 Telecom Bus to compute and verify the EVEN or ODD
parity over the contents of the (1) STS1TxA_D_0[7:0] input pins, or (2)
STS1TxA_D_0[7:0] input pins, the states of the STS1TxA_PL_0 and
STS1TxA_C1J1_0 input pins (depending upon user setting for Bit 3).
0 – Configures Receive (Drop) Telecom Bus to compute EVEN parity and
configures the Transmit (Add) Telecom Bus to verify EVEN parity
1 – Configures Receive (Drop) Telecom Bus to compute ODD parity and
configures the Transmit (Add) Telecom Bus to verify ODD parity.
Bit 1
STM-0
Telecom Bus
Parity Disable
R/W
STM-0 Telecom Bus Parity Disable – Channel 0:
This READ/WRITE bit-field permits the user to either enable or disable
parity calculation and placement via the “STSRxD_DP_0” output pin.
Further, this bit field also permits the user to enable or disable parity
verification via the “STS1TxA_DP_0” input pin by the Transmit Telecom
Bus.
1 – Disables Parity Calculation (on the Receive Telecom Bus) and Disables
Parity Verification (on the Transmit Telecom Bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com