Electronic Components Datasheet Search
  English  ▼

X  

XRT94L33 Datasheet(PDF) 85 Page - Exar Corporation

Part # XRT94L33
Description  3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER - SDH REGISTERS
PDF  810 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT94L33 Datasheet(HTML) 85 Page - Exar Corporation

Back Button XRT94L33 Datasheet HTML 81Page - Exar Corporation XRT94L33 Datasheet HTML 82Page - Exar Corporation XRT94L33 Datasheet HTML 83Page - Exar Corporation XRT94L33 Datasheet HTML 84Page - Exar Corporation XRT94L33 Datasheet HTML 85Page - Exar Corporation XRT94L33 Datasheet HTML 86Page - Exar Corporation XRT94L33 Datasheet HTML 87Page - Exar Corporation XRT94L33 Datasheet HTML 88Page - Exar Corporation XRT94L33 Datasheet HTML 89Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 810 page
background image
XRT94L33
Rev 2
22 ...0
00 ...0
00
3
33 ---C
C
C H
H
H A
A
A N
N
N N
N
N E
E
E L
L
L D
D
D S
S
S 3
33 ///E
E
E 3
33 ///S
S
S T
T
T S
S
S -
-- 1
11 T
T
T O
O
O S
S
S T
T
T S
S
S -
-- 3
33 ///S
S
S T
T
T M
M
M -
-- 1
11 M
M
M A
A
A P
P
P P
P
P E
E
E R
R
R –
–– S
S
S D
D
D H
H
H R
R
R E
E
E G
G
G IIIS
S
S T
T
T E
E
E R
R
R S
S
S
85
Note:
This register bit-field is only active if STM-0 Telecom Bus – Channel 1
is enabled.
2
GPIO_2
R/W
General Purpose Input/Output Pin # 2:
The exact function of this READ/WRITE bit-field depends upon whether the
“GPIO_2” pin is configured to be an input or an output pin.
If GPIO_2 is configured to be an input pin:
If GPIO_2 is configured to be an input pin, then this register bit operates as a
READ-ONLY bit-field that reflects the state of the “GPIO_2” (pin number V23)
input pin.
If the “GPIO_2” input pin is pulled to a logic “HIGH”, then this register bit will be
set to “1”. Conversely, if the “GPIO_2” input pin is pulled to a logic “LOW”,
then this register bit will be set to “0”.
If GPIO_2 is configured to be an output pin:
If GPIO_2 is configured to be an output pin, then the user can control the logic
level of “GPIO_2” by writing the appropriate value into this bit-field.
Setting this bit-field to “0” causes the GPIO_2 output pin to be driven “LOW”.
Conversely, setting this bit-field to “1” causes the GPIO_2 output pin to be
driven “HIGH”.
Note:
This register bit-field is only active if STM-0 Telecom Bus – Channel 0
is enabled.
1
GPIO_1
R/W
General Purpose Input/Output Pin # 1:
The exact function of this READ/WRITE bit-field depends upon whether the
“GPIO_1” pin is configured to be an input or an output pin.
If GPIO_1 is configured to be an input pin:
If GPIO_1 is configured to be an input pin, then this register bit operates as a
READ-ONLY bit-field that reflects the state of the “GPIO_1” (pin number
AC27) input pin.
If the “GPIO_1” input pin is pulled to a logic “HIGH”, then this register bit will be
set to “1”. Conversely, if the “GPIO_1” input pin is pulled to a logic “LOW”,
then this register bit will be set to “0”.
If GPIO_1 is configured to be an output pin:
If GPIO_1 is configured to be an output pin, then the user can control the logic
level of “GPIO_1” by writing the appropriate value into this bit-field.
Setting this bit-field to “0” causes the GPIO_1 output pin to be driven “LOW”.
Conversely, setting this bit-field to “1” causes the GPIO_1 output pin to be
driven “HIGH”.
Note:
This register bit-field is only active if STM-0 Telecom Bus – Channel 0
is enabled.
0
GPIO_0
R/W
General Purpose Input/Output Pin # 0:
The exact function of this READ/WRITE bit-field depends upon whether the
“GPIO_0” pin is configured to be an input or an output pin.
If GPIO_0 is configured to be an input pin:
If GPIO_0 is configured to be an input pin, then this register bit operates as a
READ-ONLY bit-field that reflects the state of the “GPIO_0” (pin number W25)
input pin.
If the “GPIO_0” input pin is pulled to a logic “HIGH”, then this register bit will be
set to “1”. Conversely, if the “GPIO_0” input pin is pulled to a logic “LOW”,
then this register bit will be set to “0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com