Electronic Components Datasheet Search
  English  ▼

X  

SA7025 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # SA7025
Description  Low-voltage 1GHz fractional-N synthesizer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA7025 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button SA7025 Datasheet HTML 8Page - NXP Semiconductors SA7025 Datasheet HTML 9Page - NXP Semiconductors SA7025 Datasheet HTML 10Page - NXP Semiconductors SA7025 Datasheet HTML 11Page - NXP Semiconductors SA7025 Datasheet HTML 12Page - NXP Semiconductors SA7025 Datasheet HTML 13Page - NXP Semiconductors SA7025 Datasheet HTML 14Page - NXP Semiconductors SA7025 Datasheet HTML 15Page - NXP Semiconductors SA7025 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Philips Semiconductors
Product specification
SA7025
1GHz low-voltage Fractional-N synthesizer
1996 Aug 6
12
Table 1. Function Table
Symbol
Bits
Function
NM1
12
Number of main divider cycles when prescaler modulus = 64
*
NM2
8 if PR = “01”
4 if PR = “10”
Number of main divider cycles when prescaler modulus = 65
*
NM3
4 if PR = “10”
Number of main divider cycles when prescaler modulus = 72
*
PR
2
Prescaler type in use
PR = “01”: modulus 2 prescaler (64/65)
PR = “10”: modulus 3 prescaler (64/65/72)
NF
3
Fractional-N increment
FMOD
1
Fractional-N modulus selection flag
“1”: modulo 8
“0”: modulo 5
LONG
1
A word format selection flag
“0”: 24 bit A0 format
“1”: 32 bit A1 format
CN
8
Binary current setting factor for main charge pumps
CL
2
Binary acceleration factor for proportional charge pump current
CK
4
Binary acceleration factor for integral charge pump current
EM
1
Main divider enable flag
EA
1
Auxiliary divider enable flag
SM
2
Reference select for main phase detector
SA
2
Reference select for auxiliary phase detector
NR
12
Reference divider ratio
NA
12
Auxiliary divider ratio
PA
1
Auxiliary prescaler mode:
PA = “0”: divide by 4
PA = “1”: divide by 1
*Not including reset cycles and Fractional-N effects.
SA = “11”
SA = “10”
SA = “01”
SA = “00”
SM = “11”
SM = “10”
SM = “01”
SM = “00”
MAIN SELECT
AUXILIARY SELECT
REFERENCE
INPUT
DIVIDE BY NR
÷2
MAIN
DETECTOR
PHASE
AUXILIARY
DETECTOR
PHASE
÷2
÷2
SR00606
Figure 7. Reference Divider
Table 2. Prescaler Ratio
The total division ratio from prescaler to the phase detector may be expressed as:
if PR = “01”
N = (NM1 + 2) x 64 + NM2 x 65
N’ = (NM1 + 1) x 64 + (NM2 + 1) x 65 (*)
if PR = “10”
N = (NM1 + 2) x 64 + NM2 x 65 + (NM3 + 1) x 72
N’ = (NM1 + 1) x 64 + (NM2 + 1) x 65 + (NM3 + 1) x 72 (*)
(*) When the fractional accumulator overflows the prescaler ratio = 65 (64 + 1) and the total division ratio N’ = N + 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com