Electronic Components Datasheet Search
  English  ▼

X  

SA7025 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SA7025
Description  Low-voltage 1GHz fractional-N synthesizer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA7025 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SA7025 Datasheet HTML 9Page - NXP Semiconductors SA7025 Datasheet HTML 10Page - NXP Semiconductors SA7025 Datasheet HTML 11Page - NXP Semiconductors SA7025 Datasheet HTML 12Page - NXP Semiconductors SA7025 Datasheet HTML 13Page - NXP Semiconductors SA7025 Datasheet HTML 14Page - NXP Semiconductors SA7025 Datasheet HTML 15Page - NXP Semiconductors SA7025 Datasheet HTML 16Page - NXP Semiconductors SA7025 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Philips Semiconductors
Product specification
SA7025
1GHz low-voltage Fractional-N synthesizer
1996 Aug 6
13
Table 3. PR Modulus
PR
Modulus Prescaler
Bit Capacity
NM1
NM2
NM3
01
2
12
8
–
10
3
12
4
4
When the serial input A word is loaded, the output circuits are in the
“speed-up mode” as long as the STROBE is H, else the “normal
mode” is active. In the “normal mode” the current output PHP is:
I
PHP_N + IPHP ) IPHP_comp
where:
|I
PHP| +
CN
@ I
RN
32
:charge pump current
|I
PHP_comp| + FRD @
I
RF
128
:fractional comp.
current
The current in PHI is zero in “normal mode”.
In “speed-up mode” the current in output PHP is:
I
PHP_S + IPHP ) IPHP_comp
|I
PHP| +
CN
@ I
RN
32
(2CL)1
) 1)
|I
PHP_comp| +
FRD
@ I
RF
128
(2CL)1
) 1)
In “speed-up mode” the current in output PHI is:
I
PHI_S + IPHI ) IPHI_comp
where:
|I
PHI| +
I
RNCN
32
(2CL)1)CK
|I
PHI_comp| +
I
RF FRD
128
(2CL)1)CK
Figure 9 shows that for proper fractional compensation, the area of
the fractional compensation current pulse must be equal to the area
of the charge pump ripple output. This means that the current
setting on the input RN, RF is approximately:
I
RN
I
RF
+
(Q
@ f
VCO)
(3
@ CN @ F
INR)
where:
Q
=
fractional-N modulus
fVCO = fINM × N,
input frequency of the prescaler
FINR =
input frequency of the reference divider
PHI pump is meant for switching only. Current and compensation
are not as accurate as PHP.
REF_IN
REFERENCE
DIVIDER
AUX/MAIN
DIVIDER
L
“1”
R
D
C
Q
R
D
C
Q
R
“1”
X
P
N
N-TYPE
CHARGE PUMP
PH
P-TYPE
CHARGE PUMP
VDDA
VSSA
REF_IN
L
R
X
P
N
IP
H
SR00607
Figure 8. Phase Detector Structure with Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com